Electronic Components Datasheet Search
  English  ▼

X  

LTM4645 Datasheet(PDF) 27 Page - Linear Technology

Part # LTM4645
Description  25A DC/DC Step-Down 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4645 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTM4645 Datasheet HTML 23Page - Linear Technology LTM4645 Datasheet HTML 24Page - Linear Technology LTM4645 Datasheet HTML 25Page - Linear Technology LTM4645 Datasheet HTML 26Page - Linear Technology LTM4645 Datasheet HTML 27Page - Linear Technology LTM4645 Datasheet HTML 28Page - Linear Technology LTM4645 Datasheet HTML 29Page - Linear Technology LTM4645 Datasheet HTML 30Page - Linear Technology LTM4645 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
LTM4645
27
4645f
For more information www.linear.com/LTM4645
Typical applicaTions
Figure 23. Typical 6V to 15V Input 1.0V at 25A Output Design
Figure 24. Typical 4.7V to 5.5V Input 1.2V at 25A Output Design
VIN
HIZB
TRACK/SS
COMPa
COMPb
FREQ
PGOOD
VOUT
VOSNS+
VFB
VOSNS–
LTM4645
22µF
25V
×2
100µF
6.3V
×4
VIN
6V TO 15V
0.1µF
4.7µF
1µF
VOUT
1V
25A
48.7k
2.2
100k
90.9k
4645 F23
PGOOD
PINS NOT USED IN THIS
CIRCUIT: CLKOUT, PHASMD,
PWM, SW
47pF
DIGITAL TELEMETRY FOR
TEMPERATURE MONITORING
VIN
HIZB
DRVCC
TRACK/SS
COMPa
COMPb
FREQ
PGOOD
VOUT
VOSNS+
VFB
VOSNS–
LTM4645
22µF
16V
×2
0.1µF
47µF
6.3V
VIN
4.7V TO 5.5V
VOUT
1.2V
25A
48.7k
100k
2.2
4645 F24
PGOOD
330µF
6.3V
DIGITAL TELEMETRY FOR
TEMPERATURE MONITORING
PINS NOT USED IN THIS
CIRCUIT: CLKOUT, PHASMD,
PWM, SW
60.4k
1µF
4.7µF
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com