Electronic Components Datasheet Search
  English  ▼

X  

LTM4645 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM4645
Description  25A DC/DC Step-Down 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4645 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM4645 Datasheet HTML 20Page - Linear Technology LTM4645 Datasheet HTML 21Page - Linear Technology LTM4645 Datasheet HTML 22Page - Linear Technology LTM4645 Datasheet HTML 23Page - Linear Technology LTM4645 Datasheet HTML 24Page - Linear Technology LTM4645 Datasheet HTML 25Page - Linear Technology LTM4645 Datasheet HTML 26Page - Linear Technology LTM4645 Datasheet HTML 27Page - Linear Technology LTM4645 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
LTM4645
24
4645f
For more information www.linear.com/LTM4645
applicaTions inForMaTion
Table 5. Output Voltage Response vs Component Matrix (Refer to Figure 23) 0A to 7A Load Step Typical Measured Values
CIN VENDORS VALUE
PART NUMBER
COUT VENDORS
VALUE
PART NUMBER
Bulk
Panasonic SP-CAP
470µF 2.5V
EEFSX0E471E4
Panasonic POSCAP 470µF 2.5V
2R5TPD470M5
Panasonic POSCAP 470µF 6.3V
6TPD470M5
Ceramic
Taiyo Yuden
22µF, 25V, 1206, X7S C3216X7S0J226M
Murata
100µF, 6.3V, 1206, X5R GRM31CR60J107M
Murata
22µF, 25V,1206, X5R
GRM31CR61E226KE15L TDK
100µF, 6.3V, 1206, X5R C3216X5R0G107M
Murata
220µF, 4V, 1206, X5R
GRM31CR60G227M
Taiyo Yuden
220µF, 2.5V, 1206, X5R PMK316DBJ227MLHT
Ceramic Cap Only
VIN
(V)
VOUT
(V)
CIN
(CERAMIC)
COUT
(CERAMIC)
COUT
(BULK)
CFF
(pF)
DROOP
(mV)
P-P
DEVIATION
(mV)
RECOVERY
TIME
(µs)
LOAD
STEP
(A)
SLEW
RATE
(A/µs)
RFB
(kΩ)
FREQ
(kHz)
5, 12
0.9
22µF
× 3
100µF
× 6
N/A
47pF
0
109
130
6
10
121
500
5, 12
1
22µF
× 3
100µF
× 6
N/A
47µF
0
102
130
6
10
90.9
600
5, 12
1.2
22µF
× 3
100µF
× 6
N/A
47µF
0
97
140
6
10
60.4
700
5, 12
1.5
22µF
× 3
100µF
× 6
N/A
47µF
0
100
140
6
10
40.2
800
5, 12
1.8
22µF
× 3
100µF
× 6
N/A
47µF
0
107
150
6
10
30.1
900
Bulk and Ceramic Cap
VIN
(V)
VOUT
(V)
CIN
(CERAMIC)
COUT
(CERAMIC)
COUT
(BULK)
CFF
(pF)
DROOP
(mV)
P-P
DEVIATION
(mV)
RECOVERY
TIME
(µs)
LOAD
STEP
(A)
SLEW
RATE
(A/µs)
RFB
(kΩ)
FREQ
(kHz)
5, 12
0.9
22µF
× 3
47µF
× 2
470µF
N/A
0
109
30
6
10
121
500
5, 12
1
22µF
× 3
47µF
× 2
470µF
N/A
0
107
40
6
10
90.9
600
5, 12
1.2
22µF
× 3
47µF
× 2
470µF
N/A
0
122
40
6
10
60.4
700
5, 12
1.5
22µF
× 3
47µF
× 2
470µF
N/A
0
131
50
6
10
40.2
800
5, 12
1.8
22µF
× 3
47µF
× 2
470µF
N/A
0
142
50
6
10
30.1
900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com