Electronic Components Datasheet Search
  English  ▼

X  

LTM4645 Datasheet(PDF) 34 Page - Linear Technology

Part # LTM4645
Description  25A DC/DC Step-Down 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4645 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTM4645 Datasheet HTML 26Page - Linear Technology LTM4645 Datasheet HTML 27Page - Linear Technology LTM4645 Datasheet HTML 28Page - Linear Technology LTM4645 Datasheet HTML 29Page - Linear Technology LTM4645 Datasheet HTML 30Page - Linear Technology LTM4645 Datasheet HTML 31Page - Linear Technology LTM4645 Datasheet HTML 32Page - Linear Technology LTM4645 Datasheet HTML 33Page - Linear Technology LTM4645 Datasheet HTML 34Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
LTM4645
34
4645f
For more information www.linear.com/LTM4645
LT 0917 • PRINTED IN USA
www.linear.com/LTM4645
LINEAR TECHNOLOGY CORPORATION 2017
relaTeD parTs
PART
NUMBER
DESCRIPTION
COMMENTS
LTM4637
20A µModule Regulator
4.5V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5.5V, 15mm × 15mm × 4.32mm (LGA), 15mm ×
15mm
× 4.92mm (BGA)
LTM4647
30A µModule Regulator, Pin Compatible with LTM4645 4.7V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V. 9mm × 15mm × 5.01mm (BGA)
LTM4636
40A µModule Regulator, ±1% VOUT Accuracy
4.75V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 3.3V, 16mm × 16mm × 7.12mm (BGA)
LTM4631
Dual 10A, Single 20A µModule Regulator, 1.91mm
Package Height
4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V, 16mm × 16mm × 1.91mm (LGA)
LTM4620A Dual 13A or Single 26A µModule Regulator, VOUT ≤ 5.3V 4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 5.3V, 15mm × 15mm × 4.41mm (LGA), 15mm ×
15mm
× 5.01mm (BGA)
LTM4630/
LTM4630-1
Dual 18A or Single 36A µModule Regulator, External
Compensation(–1), ±0.8V VOUT Accuracy (–1A)
4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V, 16mm × 16mm × 4.41mm (LGA), 16mm ×
16mm
× 5.01mm (BGA)
LTM4630A Dual 18A or Single 36A µModule Regulator, VOUT ≤ 5.3V 4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 5.3V, 16mm × 16mm × 4.41mm (LGA)
LTM4650/
LTM4650-1
Dual 25A or Single 50A µModule Regulator, External
Compensation(–1), ±0.8V VOUT Accuracy (–1A)
4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V, 16mm × 16mm × 5.01mm (BGA)
LTM4650A Dual 25A or Single 50A µModule Regulator, VOUT ≤ 5.5V 4.5V ≤ VIN ≤ 16V, 0.6V ≤ VOUT ≤ 5.5V. 16mm × 16mm × 5.01mm (BGA)
LTM4676A Dual 13A or Single 26A µModule Regulator with PSM
4.5V ≤ VIN ≤ 17V, 0.5V ≤ VOUT ≤ 5.5V, 16mm × 16mm × 5.01mm (BGA)
LTM4677
Dual 25A or Single 50A µModule Regulator with PSM
4.5V ≤ VIN ≤ 16V, 0.5V ≤ VOUT ≤ 1.8V, 16mm × 16mm × 5.01mm (BGA)
Design resources
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
package phoTo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com