Electronic Components Datasheet Search
  English  ▼

X  

LTM4645 Datasheet(PDF) 29 Page - Linear Technology

Part # LTM4645
Description  25A DC/DC Step-Down 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4645 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTM4645 Datasheet HTML 25Page - Linear Technology LTM4645 Datasheet HTML 26Page - Linear Technology LTM4645 Datasheet HTML 27Page - Linear Technology LTM4645 Datasheet HTML 28Page - Linear Technology LTM4645 Datasheet HTML 29Page - Linear Technology LTM4645 Datasheet HTML 30Page - Linear Technology LTM4645 Datasheet HTML 31Page - Linear Technology LTM4645 Datasheet HTML 32Page - Linear Technology LTM4645 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
LTM4645
29
4645f
For more information www.linear.com/LTM4645
Typical applicaTions
Figure 26. 6V to 15V Input, 1.0V and 1.2V Output with Tracking
VIN
HIZB
TRACK/SS
COMPa
COMPb
FREQ
SVIN
PGOOD
VOUT
VOSNS+
VFB
VOSNS–
LTM4645
22µF
25V
×2
47µF
6.3V
×2
VIN
6V TO 15V
0.1µF
4.7µF
330µF
4V
VOUT1
1V
25A
48.7k
100k
90.9k
PGOOD1
SVIN
VIN
HIZB
TRACK/SS
COMPa
COMPb
FREQ
PGOOD
VOUT
VOSNS+
VFB
VOSNS–
LTM4645
22µF
25V
×2
47µF
6.3V
×2
4.7µF
330µF
4V
VOUT2
1.2V
25A
53.6k
90.9k
60.4k
100k
60.4k
4645 F25
PGOOD2
PINS NOT USED IN LTM4647 U1 AND U2
CIRCUITS: CLKOUT, PHASMD, PWM, SW, TEMP+, TEMP–
1µF
2.2
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com