Electronic Components Datasheet Search
  English  ▼

X  

LTM4645 Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4645
Description  25A DC/DC Step-Down 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4645 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4645 Datasheet HTML 15Page - Linear Technology LTM4645 Datasheet HTML 16Page - Linear Technology LTM4645 Datasheet HTML 17Page - Linear Technology LTM4645 Datasheet HTML 18Page - Linear Technology LTM4645 Datasheet HTML 19Page - Linear Technology LTM4645 Datasheet HTML 20Page - Linear Technology LTM4645 Datasheet HTML 21Page - Linear Technology LTM4645 Datasheet HTML 22Page - Linear Technology LTM4645 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
LTM4645
19
4645f
For more information www.linear.com/LTM4645
applicaTions inForMaTion
Combining like terms, then simplifying the natural log
terms yields:
∆VD = T(KELVIN) • KD • lN(10)
and redefining constant
K'D=KD•IN(10) =
198µV
K
yields
∆VD = K'D • T(KELVIN)
Solving for temperature:
T(KELVIN)
=
∆VD
K'D
(
°CELSIUS)= T(KELVIN)–273.15
where
300°K = 27°C
means that is we take the difference in voltage across the
diode measured at two currents with a ratio of 10, the
resulting voltage is 198μV per Kelvin of the junction with
a zero intercept at 0 Kelvin.
The diode connected PNP transistor between the TEMP+
and TEMP– pin can be used to monitor the internal tem-
perature of the LTM4645. See Figure 23 for an example.
Thermal Considerations
The thermal resistances reported in the Pin Configuration
section of the data sheet are consistent with those param-
eters defined by JESD51-12 and are intended for use with
finite element analysis (FEA) software modeling tools that
leverage the outcome of thermal modeling, simulation,
and correlation to hardware evaluation performed on
an µModule package mounted to a hardware test board.
The motivation for providing these thermal coefficients in
found in JESD 51-12 (“Guidelines for Reporting and Using
Electronic Package Thermal Information”).
Manydesignersmayopttouselaboratoryequipmentanda
testvehiclesuchasthedemoboardtopredicttheµModule
regulator’s thermal performance in their application at
various electrical and environmental operating conditions
to compliment any FEA activities. Without FEA software,
the thermal resistances reported in the Pin Configuration
section are, in and of themselves, not relevant to providing
guidance of thermal performance; instead, the derating
curves provided in this data sheet can be used in a man-
ner that yields insight and guidance pertaining to one’s
application usage, and can be adapted to correlate thermal
performance to one’s own application.
The Pin Configuration section gives four thermal coeffi-
cients explicitly defined in JESD 51-12; these coefficients
are quoted or paraphrased below:
1.
θJA, the thermal resistance from junction to ambient, is
the natural convection junction-to-ambient air thermal
resistance measured in a one cubic foot sealed enclo-
sure. This environment is sometimes referred to as
“still air” although natural convection causes the air to
move. This value is determined with the part mounted
to a 95mm
× 76mm PCB with six layers.
2.
θJCbottom, the thermal resistance from junction to the
bottom of the product case, is determined with all of
the component power dissipation flowing through the
bottomofthepackage.InthetypicalµModuleregulator,
the bulk of the heat flows out the bottom of the pack-
age, but there is always heat flow out into the ambient
environment. As a result, this thermal resistance value
may be useful for comparing packages but the test
conditions don’t generally match the user’s application.
3.
θJCtop, the thermal resistance from junction to top of
the product case, is determined with nearly all of the
componentpowerdissipationflowingthroughthetopof
the package. As the electrical connections of the typical
µModule regulator are on the bottom of the package, it
is rare for an application to operate such that most of
the heat flows from the junction to the top of the part.
As in the case of
θJCbottom, this value may be useful
for comparing packages but the test conditions don’t
generally match the user’s application.
4.
θJB, the thermal resistance from junction to the printed
circuitboard,isthejunction-to-boardthermalresistance
where almost all of the heat flows through the bottom
of the µModule package and into the board, and is really
the sum of the
θJCbottom and the thermal resistance of
the bottom of the part through the solder joints and a
portionoftheboard.Theboardtemperatureismeasured
a specified distance from the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com