Electronic Components Datasheet Search
  English  ▼

X  

LTM4645 Datasheet(PDF) 25 Page - Linear Technology

Part # LTM4645
Description  25A DC/DC Step-Down 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4645 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTM4645 Datasheet HTML 21Page - Linear Technology LTM4645 Datasheet HTML 22Page - Linear Technology LTM4645 Datasheet HTML 23Page - Linear Technology LTM4645 Datasheet HTML 24Page - Linear Technology LTM4645 Datasheet HTML 25Page - Linear Technology LTM4645 Datasheet HTML 26Page - Linear Technology LTM4645 Datasheet HTML 27Page - Linear Technology LTM4645 Datasheet HTML 28Page - Linear Technology LTM4645 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
LTM4645
25
4645f
For more information www.linear.com/LTM4645
applicaTions inForMaTion
ambient temperature change is factored into the derating
curves. The junctions are maintained at ~120°C maximum
while lowering output current or power with increasing
ambient temperature. The decreased output current will
decrease the internal module loss as ambient temperature
isincreased.Themonitoredjunctiontemperatureof120°C
minus the ambient operating temperature specifies how
much module temperature rise can be allowed, as an ex-
ample, in Figure 20 the load current is derated to 15A at
100°C with no air or heat sink and the power loss for the
12V to 1.5V at 15A output is about 3.5W. The 3.5W loss
is calculated with the 2.7W room temperature loss from
the 12V to 1.5V power loss curve at 15A, from Figure 13,
and the 1.3 multiplying factor at 120°C junction. If the
100°C ambient temperature is subtracted from the 120°C
junction temperature, then the difference of 20°C divided
by 3.5W equals a 5.7°C/W
θJA thermal resistance. Table
4 specifies a 5.5°C/W value which is very close. Tables 3
and 4 provide equivalent thermal resistances for 1.0V and
1.5Voutputswithandwithoutairflowandheatsinking.The
derivedthermalresistancesinTables3and4forthevarious
conditions can be multiplied by the calculated power loss
asafunctionofambienttemperaturetoderivetemperature
rise above ambient, thus maximum junction temperature.
Room temperature power loss can be derived from the ef-
ficiency curves in the Typical Performance Characteristics
section and adjusted with the above ambient temperature
multiplicative factors. The printed circuit board is a 1.6mm
thick six layer board with two ounce copper for all layers.
The PCB dimensions are 95mm
× 76mm. The BGA heat
sinks are listed in Table 4.
Layout Checklist/Example
The high integration of LTM4645 makes the PCB board
layout very simple and easy. However, to optimize its
electrical and thermal performance, some layout consid-
erations are still necessary.
• Use large PCB copper areas for high current paths,
including VIN, GND, and VOUT. It helps to minimize the
PCB conduction loss and thermal stress.
• Place high frequency ceramic input and output capaci-
tors next to the VIN, PGND and VOUT pins to minimize
high frequency noise.
• Place a dedicated power ground layer underneath the
unit.
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between top layer and other power layers.
• Do not put via directly on the pad, unless they are
capped or plated over.
• Use a separated SGND ground copper area for com-
ponents connected to signal pins. Connect the SGND
to GND underneath the unit.
• For parallel modules, tie the VOUT, VFB, and COMP pins
together. Use an internal layer to closely connect these
pins together. The TRACK pin can be tied a common
capacitor for regulator soft-start.
• Bring out test points on the signal pins for monitoring.
Figure22givesagoodexampleoftherecommendedlayout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com