Electronic Components Datasheet Search
  English  ▼

X  

LTM4645 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4645
Description  Dual 10A or Single 20A 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4645 Datasheet(HTML) 1 Page - Linear Technology

  LTM4645 Datasheet HTML 1Page - Linear Technology LTM4645 Datasheet HTML 2Page - Linear Technology LTM4645 Datasheet HTML 3Page - Linear Technology LTM4645 Datasheet HTML 4Page - Linear Technology LTM4645 Datasheet HTML 5Page - Linear Technology LTM4645 Datasheet HTML 6Page - Linear Technology LTM4645 Datasheet HTML 7Page - Linear Technology LTM4645 Datasheet HTML 8Page - Linear Technology LTM4645 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LTM4646
1
4646f
For more information www.linear.com/LTM4646
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual 10A or
Single 20A µModule Regulator
APPLICATIONS
The LTM®4646 is a complete dual 10A output switching
mode DC/DC power supply. Included in the package are
the switching controller, power FETs, inductors, and all
supporting components. Operating from an input voltage
range of 4.5V to 20V, the LTM4646 supports two outputs
each with an output voltage range of 0.6V to 5.5V, set by
external resistors. Its high efficiency design delivers up to
10A continuous current for each output. Only a few input
and output capacitors are needed.
The device supports frequency synchronization, multiphase
operation, high efficiency light load operation and output
voltage tracking for supply rail sequencing and has an
onboard temperature diode per channel for device tempera-
ture monitoring. High switching frequency and a current
mode architecture enable a very fast transient response to
line and load changes without sacrificing stability.
Fault protection features include overvoltage and overcur-
rent protection. The power module is offered in a small
footprint 11.25mm × 15mm × 5.01mm BGA package.
The LTM4646 is available with SnPb or RoHS compliant
terminal finish.
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 5481178, 5847554, 6580258, 6304066, 6476589, 6774611.
n
Dual 10A or Single 20A Output
n
Wide Input Voltage Range: 4.5V to 20V
n
2.375VMIN with CPWR Bias
n
Output Voltage Range: 0.6V to 5.5V
n
±1.5% Maximum Total DC Output Error
n
Multiphase Current Sharing
n
Differential Remote Sense Amplifier, Each Channel
n
Current Mode Control/Fast Transient Response
n
Up to 96% Efficiency
n
Adjustable Switching Frequency (250kHz to 1.3MHz)
n
Frequency Synchronization
n
Overcurrent Foldback Protection
n
Output Overvoltage Protection
n
Internal or External Compensation
n
Built-In Temperature Monitoring Diode
n
SnPb or RoHS Compliant Finish
n
11.25mm × 15mm × 5.01mm BGA Package
n
Point-of-Load Power Supplies
n
Telecom and Networking Equipment
n
Industrial Equipment
n
Medical Equipment
Click to view associated TechClip Videos.
Efficiency, 12V to 0.9V,
1.2V at 10A Each
RUN1
RUN2
VOUT1
VOUTS1
VIN1 VIN2 CPWR
DRVCC
INTVCC
VFB1
VRNG
VOUTS1–
COMP1A
COMP1B
TRACK/SS1
VOUT2
VOUTS2
VFB2
VOUTS2–
COMP2A
COMP2B
TRACK/SS2
MODE_PLLIN
LTM4646
4646 TA01a
100µF
×4
115k
VOUT2
1.2V
AT 10A
60.4k
30.1k
0.1µF
PINS NOT USED IN THIS CIRCUIT:
PGOOD1, PGOOD2, EXTVCC,
TEMP1+, TEMP1–, TEMP2+, TEMP2–
PHASMD, CLKOUT, SW1, SW2
0.1µF
4.7µF
SGND
FREQ
GND
121k
100F
×4
10F
×4
VIN
4.5V
TO 20V
VOUT1
0.9V
AT 10A
130k
OUTPUT CURRENT (A)
1
2
3
4
5
6
7
8
9
10
70
75
80
85
90
95
4646 TA01b
12VIN TO 1.2V EFF, 500kHz
12VIN TO 0.9V EFF, 400kHz


Similar Part No. - LTM4645

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4645 LINER-LTM4645 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
More results

Similar Description - LTM4645

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4628 LINER-LTM4628 Datasheet
704Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4677EY LINER-LTM4677EY Datasheet
1Mb / 12P
Dual 18A or Single 36A 關Module Regulator
LTM4662 LINER-LTM4662 Datasheet
581Kb / 34P
Dual 15A or Single 30A DC/DC 關Module Regulator
LTM4630EV LINER-LTM4630EV Datasheet
803Kb / 8P
High Efficiency Dual 18A or Single 36A 關Module Regulator
LTM4630 LINER-LTM4630 Datasheet
643Kb / 34P
Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4631 LINER-LTM4631 Datasheet
975Kb / 34P
Ultrathin Dual 10A or Single 20A DC/DC 關Module Regulator
LTM4650 LINER-LTM4650 Datasheet
720Kb / 34P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650AEY-1 LINER-LTM4650AEY-1 Datasheet
1Mb / 12P
Dual 25A or Single 50A DC/DC 關Module Regulator
logo
Analog Devices
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com