Electronic Components Datasheet Search
  English  ▼

X  

LTM4645 Datasheet(PDF) 34 Page - Linear Technology

Part # LTM4645
Description  Dual 10A or Single 20A 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4645 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTM4645 Datasheet HTML 26Page - Linear Technology LTM4645 Datasheet HTML 27Page - Linear Technology LTM4645 Datasheet HTML 28Page - Linear Technology LTM4645 Datasheet HTML 29Page - Linear Technology LTM4645 Datasheet HTML 30Page - Linear Technology LTM4645 Datasheet HTML 31Page - Linear Technology LTM4645 Datasheet HTML 32Page - Linear Technology LTM4645 Datasheet HTML 33Page - Linear Technology LTM4645 Datasheet HTML 34Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
LTM4646
34
4646f
For more information www.linear.com/LTM4646
LINEAR TECHNOLOGY CORPORATION 2018
LT 0118 • PRINTED IN USA
www.linear.com/LTM4646
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LTM4642
Dual 4A or Single 8A Step-Down µModule Regulator
4.5V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5.5V, 9mm × 11.25mm × 4.92mm BGA
LTM4628
Dual 8A or Single 16A Step Down µModule Regulator
4.5V ≤ VIN ≤ 26.5V, 0.6V ≤ VOUT ≤ 5.5V, 15mm × 15mm × 4.32mm LGA 15mm
x 15mm × 4.92 BGA
LTM4620A
Dual 13A or Single 26A Step-Down µModule Regulator 4.5V ≤ VIN ≤ 16V, 0.6V ≤ VOUT ≤ 5.3V, 15mm × 15mm × 4.41mm LGA, 15mm
×
15mm × 5.01mm BGA
LTM4630A
Dual 18A or Single 36A Step-Down µModule Regulator 4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 5.3V, 16mm × 16mm × 4.41mm LGA, 16mm
×
16mm × 5.01mm BGA
LTM4644
Quad 4A Step-Down µModule Regulator
4.5V ≤ VIN ≤ 14V, 0.6V ≤ VOUT ≤ 5.5V, 9mm × 15mm × 5.01mm BGA
LTM4637
Single 20A Step-Down µModule Regulator
4.5V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5.5V, 15mm × 15mm × 4.32mm LGA, 15mm
×
15mm x 4.92mm BGA
LTM4645
Single 25A Step-Down µModule Regulator
4.7V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V, 9mm × 15mm × 3.51mm BGA
LTM4647
Single 30A Step-Down µModule Regulator
4.7V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V, 9mm × 15mm × 5.01mm BGA
PACKAGE PHOTO
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com