Electronic Components Datasheet Search
  English  ▼

X  

LTM4645 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM4645
Description  Dual 10A or Single 20A 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4645 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM4645 Datasheet HTML 8Page - Linear Technology LTM4645 Datasheet HTML 9Page - Linear Technology LTM4645 Datasheet HTML 10Page - Linear Technology LTM4645 Datasheet HTML 11Page - Linear Technology LTM4645 Datasheet HTML 12Page - Linear Technology LTM4645 Datasheet HTML 13Page - Linear Technology LTM4645 Datasheet HTML 14Page - Linear Technology LTM4645 Datasheet HTML 15Page - Linear Technology LTM4645 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
LTM4646
12
4646f
For more information www.linear.com/LTM4646
The typical LTM4646 application circuit is shown in
Figure 18. External component selection is primarily
determined by the maximum load current and output
voltage. Refer to Table 5 for specific external capacitor
requirements for particular applications.
VIN to VOUT Step-Down Ratios
There are restrictions in the maximum VIN and VOUT step-
down ratio that can be achieved for a given input voltage.
Each output of the LTM4646 is capable of a wide duty
cycle that is limited by the minimum on-time tON(MIN) of
30ns defined as tON(MIN) < D/fSW for narrow duty cycle,
where D is duty cycle (VOUT/VIN) and fSW is the switch-
ing frequency. The minimum off-time of 90ns tOFF(MIN)
< 1 – D/fSW is required for higher duty cycles. See Note 8
in the Electrical Characteristics section for output current
guideline.
Output Voltage Programming
The PWM controller has an internal 0.6V reference voltage.
As shown in Figure 1, a 60.4k internal feedback resistor
connects between the VOUTS1 to VFB1 and VOUTS2 to VFB2.
It is very important that these pins be connected to their
respective outputs for proper feedback regulation. Each
channel has a 49.9Ω resistor connected from VOUTS1 and
VOUTS2 to VOUT1 and VOUT2, respectively. This is used to
protect the output if VOUTSn is open or left unconnected.
The VOUT1 output voltage will default to 0.6V with no feed-
back resistor on VFB1. Adding a resistor RFB1 from VFB1
pin to VOUTS1– programs the output voltage:
VOUT1 0.6V •
60.4k RFB1
RFB1
The VOUT2 output voltage will default to 0.3V with no feed-
back resistor on VFB2. Adding a resistor RFB2 from VFB2
pin to VOUTS2–, and the RFB3 resistor equal to (60.4k//
RFB2) from VFB2 to SGND programs the output voltage:
VOUT2 0.6V •
60.4k RFB2
RFB2
RFB3 60.4k ||RFB2
60.4k • RFB2
60.4k + RFB2
APPLICATIONS INFORMATION
The Thevenin equivalent of the VOUT2 equation would
be the 0.6V with a series resistance of (60.4k || RFB2),
thus RFB3 connected to the series resistance would be
(60.4k||RFB2) to equal the 0.3V reference.
Table 1. VFB1, VFB2, Resistor Table vs Various OutputVoltages
VOUT1 0.6V 1.0V 1.2V 1.5V 1.8V 2.5V 3.3V 5.0V
RFB1 Open 90.9k 60.4k 40.2k 30.1k 19.1k 13.3k 8.25k
VOUT2 0.3V 1.0V 1.2V 1.5V 1.8V 2.5V 3.3V 5.0V
RFB2 Open 90.9k 60.4k 40.2k 30.1k 19.1k 13.3k 8.25k
RFB3 Open 36.5k 30.1k 24.3k 20k 14.7k 11k 7.32k
Figure 2 shows the LTM4646 used in a 2-phase single
output: Tie the VFB1 pin to INTVCC, which will disable
channel 1’s error amplifier and internally connect COMP2
to COMP1. Tie any of the compensation components to
the COMP2 pin. The COMP1 pin can be either left open
or shorted to COMP2 externally as shown. The, VOUTS1,
TRACK/SS1 and PGOOD1 pins become non-operable and
can be left open. To make a single-output converter of
three or more phases, additional LTM4646 micromod-
ules can be used. The first module should be tied the
same way as the Figure 2. If only one more channel of
an additional LTM4646 is needed, use channel 2 for the
additional phase:
• Tie the COMP2 pin to the COMP2 pin of the first module.
• Tie the RUN2 pin to the RUN pins of the first module.
Use 1/2 the value for RFB2 and RFB3.
• Tie VOUTS2 of the additional channel to VOUTS2 of the
first module then to remote sense point.
• Tie the VFB2 pin to the VFB2 pin of the first module.
• Tie the VOUTS2– pin to the VOUTS2– pin of the
firstmodule.
• Tie the TRACK/SS2 pin to the TRACK/SS2 pin of the
first module.
If both channels are needed for four phases, the addi-
tional LTM4646 module should be tied the same way
as the first as shown in Figure 2 to disable the second
channel1’s EA:
• Tie the VFB1 pin to the module’s own INTVCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com