Electronic Components Datasheet Search
  English  ▼

X  

LTM4645 Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4645
Description  Dual 10A or Single 20A 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4645 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4645 Datasheet HTML 15Page - Linear Technology LTM4645 Datasheet HTML 16Page - Linear Technology LTM4645 Datasheet HTML 17Page - Linear Technology LTM4645 Datasheet HTML 18Page - Linear Technology LTM4645 Datasheet HTML 19Page - Linear Technology LTM4645 Datasheet HTML 20Page - Linear Technology LTM4645 Datasheet HTML 21Page - Linear Technology LTM4645 Datasheet HTML 22Page - Linear Technology LTM4645 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
LTM4646
19
4646f
For more information www.linear.com/LTM4646
APPLICATIONS INFORMATION
(hysteresis applies), or in undervoltage lockout (UVLO).
In an overvoltage (OV) condition, MT is turned off and MB
is turned on immediately without delay and held on until
the overvoltage condition clears. This happens regardless
of any other condition as long as the RUN pin is enabled.
For example, upon enabling the RUN1 pin, if VOUT is prebi-
ased at more than 7.5% above the programmed regulated
voltage, the OV stays triggered and BG forced on until
VOUT is pulled a ~2.5% hysteresis below the 7.5% OV
threshold.
Stability Compensation
The module has already been internally compensated for
all output voltages. Table 5 is provided for most applica-
tion requirements. LTpowerCAD will be provided for other
control loop optimization. Use LTpowerCAD when tying
output in parallel for higher current. External compensa-
tion may be necessary.
Run Enable
The RUN pins have an enable threshold of 1.3V maximum,
typically 1.2V with 100mV of hysteresis. They control the
turn on each of the channels and DRVCC and INTVCC. A
100k resistor to ground is internal, and can be used with
a pull-up resistor to VIN to turn on the module using the
external and internal resistor to program under voltage
lock out. Otherwise an external enable signal or source
can drive these pins directly below the 6V max. The RUN
pins can also be used for output voltage sequencing.
In parallel operation the RUN pins can be tie together
and controlled from a single control. See the Typical
Application circuits in Figure 21.
DRVCC, INTVCC, and EXTVCC
The LTM4646 module has an internal 5.3V low dropout
regulator (DRVCC) that is derived from the input voltage
through the CPWR (control power) pin. This regulator is
used to power the INTVCC control circuitry and the power
MOSFET drivers. This regulator can source up to 100mA,
and typically uses ~50mA for powering the device at the
maximum frequency. This internal 5.3V supply is enabled
by either RUN1 or RUN2.
EXTVCC allows an external 5V supply to power the
LTM4646 and reduce power dissipation from the internal
low dropout 5V regulator. The power loss savings can be
calculated by:
(CPWR – 5V) • 50mA = PLOSS
EXTVCC has a threshold of 4.6V for activation, and a maxi-
mum rating of 6V. When using a 5V input, connect this
5V input to EXTVCC also to maintain a 5V gate drive level.
EXTVCC must sequence on after CPWR, and EXTVCC must
sequence off before CPWR.
CPWR (Control Power)
The LTM4646 module has a CPWR pin that is biased with
a supply voltage minimum of 4.5V, and up to VIN maxi-
mum in normal operation. When operating at lower input
voltages below the 4.5V minimum, this pin can biased
with an alternate source to power the controller section
while operating down to the 2.375V minimum.
For example, if 3.3V is supplied to VIN, and a 5V bias with
a 50mA capability was used to source the CPWR pin, then
3.3V input power conversion can be implemented. Even
though the CPWR can operate from 4.5V to 20V, a lower
bias will lower the power loss if the module. See Figure 21
for an example.
Output Remote Sense
The LTM4646’s differential output sensing schemes are
distinct from conventional schemes where the regulated
output and its ground reference are directly sensed with
a difference amplifier whose output is then divided down
with an external resistor divider and fed into the error
amplifier input. This conventional scheme is limited by
the common mode input range of the difference amplifier
and typically limits differential sensing to the lower range
of output voltages.
The LTM4646 allows for seamless differential output
sensing by sensing the resistively divided feedback volt-
age differentially. This allows for differential sensing in the
full output range from 0.6V to 5.5V. Channel 1’s difference
amplifier (DIFFAMP) has a bandwidth of around 8MHz,
and channel 2’s feedback amplifier has a bandwidth of
around 4MHz, both high enough so as to not affect main
loop compensation and transient behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com