Electronic Components Datasheet Search
  English  ▼

X  

LTM4645 Datasheet(PDF) 31 Page - Linear Technology

Part # LTM4645
Description  Dual 10A or Single 20A 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4645 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTM4645 Datasheet HTML 26Page - Linear Technology LTM4645 Datasheet HTML 27Page - Linear Technology LTM4645 Datasheet HTML 28Page - Linear Technology LTM4645 Datasheet HTML 29Page - Linear Technology LTM4645 Datasheet HTML 30Page - Linear Technology LTM4645 Datasheet HTML 31Page - Linear Technology LTM4645 Datasheet HTML 32Page - Linear Technology LTM4645 Datasheet HTML 33Page - Linear Technology LTM4645 Datasheet HTML 34Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
LTM4646
31
4646f
For more information www.linear.com/LTM4646
Figure 23. 12V to 3.3V Up to 10A, 5V to 1.8V at 10A
TYPICAL APPLICATIONS
+
+
RUN1
PGOOD1
SW1
VOUT1
VOUTS1
FREQ VIN1 VIN2 CPWR
DRVCC INTVCC
INTVCC
EXTVCC PHASMD
VFB1
VRNG
VOUTS1–
COMP1A
COMP1B
TRACK/SS1
RUN2
PGOOD2
SW2
VOUT2
VOUTS2
VFB2
VOUTS2–
COMP2A
COMP2B
TRACK/SS2
MODE_PLLIN TEMP1+ TEMP1– SGND GND TEMP2+ TEMP2– CLKOUT
LTM4646
4646 F23
PGOOD2
100µF
×3
10k
VOUT2
1.8V
AT 10A
30.1k
20k
REMOTE
SENSED
GND
100pF
CHANNEL 2 TEMP MONITOR DIODE
CHANNEL 1 TEMP MONITOR DIODE
INTVCC
INTVCC
100F
×2
INTVCC
4.7F
115k
22F
16V
×2
12V
R4
10k
56F
16V
22F
6.3V
×2
56F
16V
0.1F
13.3k
100pF
0.1F
5V BIAS AT 50mA
VOUT1
3.3V
UP TO 10A
INTVCC
5V
130k
VIN2
VIN1
47pF
47pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com