Electronic Components Datasheet Search
  English  ▼

X  

LTM4645 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4645
Description  Dual 10A or Single 20A 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4645 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4645 Datasheet HTML 10Page - Linear Technology LTM4645 Datasheet HTML 11Page - Linear Technology LTM4645 Datasheet HTML 12Page - Linear Technology LTM4645 Datasheet HTML 13Page - Linear Technology LTM4645 Datasheet HTML 14Page - Linear Technology LTM4645 Datasheet HTML 15Page - Linear Technology LTM4645 Datasheet HTML 16Page - Linear Technology LTM4645 Datasheet HTML 17Page - Linear Technology LTM4645 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
LTM4646
14
4646f
For more information www.linear.com/LTM4646
APPLICATIONS INFORMATION
ESR tantalum capacitor, low ESR polymer capacitor or
ceramic capacitor. The typical output capacitance range
for each output is from 200F to 470F. Additional output
filtering may be required by the system designer, if further
reduction of output ripples or dynamic transient spikes
is required. Table 5 shows a matrix of different output
voltages and output capacitors to minimize the voltage
droop and overshoot during a 7.5A/s transient. The table
optimizes total equivalent ESR and total bulk capacitance
to optimize the transient performance. Stability criteria are
considered in the Table 5 matrix, and LTpowerCAD will be
provided for stability analysis. Multiphase operation will
reduce effective output ripple as a function of the num-
ber of phases. Application Note 77 discusses this noise
reduction versus output ripple current cancellation, but
the output capacitance should be considered carefully as a
function of stability and transient response. LTpowerCAD
can calculate the output ripple reduction as the number of
implemented phases increases by N times.
Continuous and Discontinuous Mode Operation
If the MODE_PLLIN pin is tied to INTVCC or an external
clock is applied to MODE_PLLIN, the LTM4646 will be
forced to operate in continuous mode. With load current
less than one-half of the full load peak-to-peak ripple, the
inductor current valley can drop to zero or become nega-
tive. This allows constant-frequency operation but at the
cost of low efficiency at light loads.
If the MODE_PLLIN pin is left open or connected to sig-
nal ground, the channel will transition into discontinu-
ous mode operation, where a current reversal compara-
tor shuts off the bottom MOSFET as the inductor current
approaches zero, thus preventing negative inductor cur-
rent and improving light-load efficiency. In this mode,
both switches can remain off for extended periods of time.
As the output capacitor discharges by load current and the
output voltage droops lower, EA will eventually move the
ITH voltage above the zero current level (0.8V) to initiate
another switching cycle.
Multiphase Operation
For output loads that demand more than 10A of current,
two outputs in LTM4646 or even multiple LTM4646s can
be paralleled to run out of phase to provide more output
current without increasing input and output voltage ripple.
The MODE_PLLIN pin allows the LTM4646 to synchronize
to an external clock (between 250kHz and 1.3MHz) and
the internal phase-locked loop allows the LTM4646 to lock
onto an incoming clock phase as well. The CLKOUT signal
can be connected to the MODE_PLLIN pin of the following
stage to line up both the frequency and the phase of the
entire system. Tying the PHASMD pin to INTVCC, SGND,
or floating the pin will select VOUT2 and CLKOUT phases
relative to VOUT1.
Up to of 12 phases can be cascaded to run simultaneously
with respect to each other by programming the PHASMD
pin of each LTM4646 channel to different levels. Figure 3
shows a 2-phase design, 4-phase design and a 6-phase
design example for clock phasing with the PHASMD table.
A multiphase power supply significantly reduces the
amount of ripple current in both the input and output
capacitors. The RMS input ripple current is reduced by,
and the effective ripple frequency is multiplied by, the
number of phases used (assuming that the input volt-
age is greater than the number of phases used times the
output voltage).
The output ripple amplitude is also reduced by the number
of phases used when all of the outputs are tied together to
achieve a single high output current design. The LTM4646
device is an inherently current mode controlled device, so
parallel modules will have very good current sharing. This
will balance the thermals on the design. Figure 19 shows
an example of parallel operation and pin connection.
Input RMS Ripple Current Cancellation
Application Note 77 provides a detailed explanation of
multiphase operation. The input RMS ripple current can-
cellation mathematical derivations are presented, and
a graph is displayed representing the RMS ripple cur-
rent reduction as a function of the number of interleaved
phases. Figure4 shows this graph.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com