Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4613
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 2Page - Linear Technology LTM4613 Datasheet HTML 3Page - Linear Technology LTM4613 Datasheet HTML 4Page - Linear Technology LTM4613 Datasheet HTML 5Page - Linear Technology LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology LTM4613 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LTM8003
6
8003fc
For more information www.linear.com/LTM8003
TYPICAL PERFORMANCE CHARACTERISTICS
Input vs Load Current
VOUT =0.97V, BIAS = 5V
Input vs Load Current
VOUT =1.2V, BIAS = 5V
Input vs Load Current
VOUT =1.5V, BIAS = 5V
Input vs Load Current
VOUT =1.8V, BIAS = 5V
Input vs Load Current
VOUT =2V, BIAS = 5V
Input vs Load Current
VOUT =2.5V, BIAS = 5V
Input vs Load Current
VOUT =3.3V, BIAS = 5V
Input vs Load Current
VOUT =5V, BIAS = 5V
Input vs Load Current
VOUT =8V, BIAS = 5V
TA = 25°C, unless otherwise noted.
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
2
4
6
0
0.2
0.4
0.6
0.8
8003 G19
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
2
4
6
0
0.25
0.50
0.75
1.00
8003 G20
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
2
4
6
0
0.3
0.6
0.9
1.2
8003 G21
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
2
4
6
0
0.25
0.50
0.75
1.00
1.25
8003 G22
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
2
4
6
0
0.3
0.6
0.9
1.2
1.5
8003 G23
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
2
4
6
0
0.4
0.8
1.2
1.6
8003 G24
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
2
4
6
0
0.5
1.0
1.5
2.0
2.5
8003 G25
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
2
4
6
0
0.75
1.50
2.25
3.00
8003 G26
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
2
4
6
0
1.0
2.0
3.0
4.0
5.0
8003 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com