Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 17 Page - Linear Technology

Part # LTM4613
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology LTM4613 Datasheet HTML 20Page - Linear Technology LTM4613 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LTM8003
17
8003fc
For more information www.linear.com/LTM8003
For most applications, the design process is straight-
forward, summarized as follows:
1. Look at Table 1 and find the row that has the desired
input range and output voltage.
2. Apply the recommended CFF, CIN, COUT, RFB and RT
values.
3. Apply the CFF (from VOUT to FB) as required.
4. Connect BIAS as indicated.
While these component combinations have been tested
for proper operation, it is incumbent upon the user to
verify proper operation over the intended system’s line,
APPLICATIONS INFORMATION
load and environmental conditions. Bear in mind that the
maximum output current is limited by junction tempera-
ture, the relationship between the input and output voltage
magnitude and polarity and other factors. Please refer to
the graphs in the Typical Performance Characteristics
section for guidance.
The maximum frequency (and attendant RT value) at
which the LTM8003 should be allowed to switch is given
in Table 1 in the Maximum fSW column, while the recom-
mended frequency (and RT value) for optimal efficiency
over the given input condition is given in the fSW column.
There are additional conditions that must be satisfied if
the synchronization function is used. Please refer to the
Synchronization section for details.
Table 1. Recommended Component Values and Configuration (TA = 25°C)
VIN
VOUT
(V)
RFB
(k)
CIN2
COUT
CFF
(pF)
BIAS
(V)
fSW
RT
(k)
Maximum
fSW
Minimum RT
(k)
3.4V to 40V
0.97 Open 4.7µF 50V 1206 X5R 2x 100µF 6.3V 1210 X5R
47
5
450kHz
97.6
675kHz
63.4
3.4V to 40V
1.2
402 4.7µF 50V 1206 X5R 2x 100µF 6.3V 1210 X5R
47
5
550kHz
78.7
850kHz
49.9
3.4V to 40V
1.5
174 4.7µF 50V 1206 X5R 100µF 6.3V 1210 X5R
27
5
600kHz
71.5
1.1MHz
36.5
3.4V to 40V
1.8
115 4.7µF 50V 1206 X5R 100µF 6.3V 1210 X5R
10
5
600kHz
71.5
1.3MHz
30.9
3.4V to 40V
2.0
90.9 4.7µF 50V 1206 X5R 100µF 0805 4V X5R
5
650kHz
64.9
1.4MHz
28.0
4V to 40V1
2.5
63.4 4.7µF 50V 1206 X5R 100µF 0805 4V X5R
5
750kHz
56.2
1.8MHz
20.5
5V to 40V1
3.3
41.2 4.7µF 50V 1206 X5R 100µF 0805 4V X5R
5
850kHz
48.7
2.3MHz
14.7
7V to 40V1
5
24.3 4.7µF 50V 1206 X5R 47µF 6.3V 0805 X5R
5
1MHz
40.2
3MHz
10.7
11V to 40V1
8
13.7 4.7µF 50V 1206 X5R 22µF 1206 10V X7R
5
1.2MHz
33.2
3MHz
10.7
16V to 40V1
12
8.66 4.7µF 50V 1206 X5R 10µF 0805 16V X7S
5
1.5MHz
25.5
3MHz
10.7
19.5 to 40V1
15
6.81 4.7µF 50V 1206 X5R 10µF 0805 16V X7S
5
1.5MHz
25.5
3MHz
10.7
23.5V to 40V1
18
5.62 4.7µF 50V 1206 X5R 10µF 1206 25V X5R
5
1.5MHz
25.5
3MHz
10.7
5V to 22V1
–18
5.62 4.7µF 50V 1206 X5R 10µF 1206 25V X5R
LTM8003 GND 1.5MHz
25.5
3MHz
10.7
4.5V to 25V1
–15
6.81 4.7µF 50V 1206 X5R 10µF 0805 16V X7S
LTM8003 GND 1.5MHz
25.5
3MHz
10.7
3.4V to 28V1
–12
8.66 4.7µF 50V 1206 X5R 10µF 0805 16V X7S
LTM8003 GND 1.5MHz
25.5
3MHz
10.7
3.4V to 32V1
–8
13.7 4.7µF 50V 1206 X5R 22µF 1206 10V X7R
LTM8003 GND 1.2MHz
33.2
3MHz
10.7
3.4V to 351
–5
24.3 4.7µF 50V 1206 X5R 47µF 6.3V 0805 X5R
LTM8003 GND
1MHz
40.2
3MHz
10.7
3.4V to 36V1
–3.3
41.2 4.7µF 50V 1206 X5R 100µF 0805 4V X5R
LTM8003 GND 850kHz
48.7
2.3MHz
14.7
1. The LTM8003 may be capable of lower input voltages but may skip switching cycles.
2. An input bulk capacitor is required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com