Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4613
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LTM8003
11
8003fc
For more information www.linear.com/LTM8003
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Derating, H-Grade, VOUT =18V,
BIAS=5V, DC2416A Demo Board
Derating, H-Grade, VOUT =–3.3V,
BIAS Tied to LTM8003 GND,
DC2416A Demo Board
Derating, H-Grade, VOUT =–5V,
BIAS Tied to LTM8003 GND,
DC2416A Demo Board
Derating, H-Grade, VOUT =–8V,
BIAS Tied to LTM8003 GND,
DC2416A Demo Board
Derating, H-Grade, VOUT =–12V,
BIAS Tied to LTM8003 GND,
DC2416A Demo Board
Derating, H-Grade, VOUT =–15V,
BIAS Tied to LTM8003 GND,
DC2416A Demo Board
Derating, H-Grade, VOUT =–18V,
BIAS Tied to LTM8003 GND,
DC2416A Demo Board
Derating, I-Grade, VOUT =0.97V,
BIAS=5V, DC2416A Demo Board
Derating, I-Grade, VOUT =1.2V,
BIAS=5V, DC2416A Demo Board
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
150
0
1
2
3
4
5
6
8003 G64
24VIN
36VIN
0 LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
150
0
1
2
3
4
5
6
8003 G65
12VIN
24VIN
36VIN
0 LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
150
0
1
2
3
4
5
8003 G66
12VIN
24VIN
36VIN
0 LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
150
0
1
2
3
4
8003 G67
12VIN
24VIN
0 LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
150
0
1
2
3
4
8003 G68
12VIN
24VIN
0 LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
150
0
0.5
1.0
1.5
2.0
2.5
8003 G69
12VIN
24VIN
0 LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
150
0
0.5
1.0
1.5
2.0
8003 G70
0 LFM
12VIN
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
8003 G71
12VIN
24VIN
36VIN
0 LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
8003 G72
12VIN
24VIN
36VIN
0 LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com