Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4613
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology LTM4613 Datasheet HTML 20Page - Linear Technology LTM4613 Datasheet HTML 21Page - Linear Technology LTM4613 Datasheet HTML 22Page - Linear Technology LTM4613 Datasheet HTML 23Page - Linear Technology LTM4613 Datasheet HTML 24Page - Linear Technology LTM4613 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTM8003
21
8003fc
For more information www.linear.com/LTM8003
APPLICATIONS INFORMATION
most versatile way to generate a negative output is to
use a dedicated regulator that was designed to generate
a negative voltage, but using a buck regulator like the
LTM8003 to generate a negative voltage is a simple and
cost effective solution, as long as certain restrictions are
kept in mind.
NEGATIVE
OUTPUT VOLTAGE
LTM8003
VOUT
VIN
8003 F01
GND
VIN
Figure1. The LTM8003 Can Be Used to Generate a Negative Voltage
Figure1showsatypicalnegativeoutputvoltageapplication.
Note that LTM8003 VOUT is tied to system GND and input
power is applied from VIN to LTM8003 VOUT. As a result,
the LTM8003 is not behaving as a true buck regulator,
and the maximum output current depends upon the input
voltage. In the example shown in the Typical Applications
section, there is an attending graph that shows how much
current the LTM8003 can deliver for given input voltages.
FAST LOAD
TRANSIENT
OUTPUT TRANSIENT
RESPONSE
LTM8003
VOUT
VIN
8003 F02
GND
VIN
Figure2. Any Output Voltage Transient Appears on LTM8003 GND
Note that this configuration requires that any load current
transient will directly impress the transient voltage onto
the LTM8003 GND, as shown in Figure 2, so fast load
transients can disrupt the LTM8003’s operation or even
cause damage.
FAST VIN
TRANSIENT
OUTPUT EXPERIENCES
A POSITIVE TRANSIENT
LTM8003
VOUT
VIN
8003 F03
GND
COUT
CIN
OPTIONAL
SCHOTTKY
DIODE
AC DIVIDER
VIN
Figure3. A Schottky Diode Can Limit the Transient Caused by
a Fast Rising VIN to Safe Levels
The CIN and COUT capacitors in Figure 3 form an AC divider
at the negative output voltage node. If VIN is hot-plugged
or rises quickly, the resultant VOUT will be a positive tran-
sient, which may be unhealthy for the application load.
An anti-parallel Schottky diode may be able to prevent
this positive transient from damaging the load. The loca-
tion of this Schottky diode is important. For example, in
a system where the LTM8003 is far away from the load,
placing the Schottky diode closest to the most sensitive
load component may be the best design choice. Care-
fully evaluate whether the negative buck configuration is
suitable for the application. When generating a negative
output voltage, tie BIAS to LTM8003 GND.
Shorted Input Protection
Care needs to be taken in systems where the output is held
high when the input to the LTM8003 is absent. This may
occur in battery charging applications or in battery backup
systems where a battery or some other supply is diode
ORed with the LTM8003’s output. If the VIN pin is allowed
tofloatandtheRUNpinisheldhigh(eitherbyalogicsignal
or because it is tied to VIN), then the LTM8003’s internal
circuitry pulls its quiescent current through its internal
power switch. This is fine if your system can tolerate a
few milliamps in this state. If you ground the RUN pin, the
internal current drops to essentially zero. However, if the
VIN pin is grounded while the output is held high, parasitic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com