Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 15 Page - Linear Technology

Part # LTM4613
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
LTM8003
15
8003fc
For more information www.linear.com/LTM8003
BLOCK DIAGRAM
PIN FUNCTIONS
BIAS
VOUT
VIN
FB
GND
RUN
TR/SS
SYNC
RT
PG
8003 BD01
CURRENT
MODE
CONTROLLER
0.2µF
10pF
0.01µF
1.3µH
100k
BIAS
VOUT
VIN
GND
RUN
TR/SS
SYNC
RT
PG
8003 BD02
CURRENT
MODE
CONTROLLER
0.2µF
10pF
0.01µF
1.3µH
INTERNAL
0.97V
FEEDBACK
LTM8003 Block Diagram
LTM8003-3.3 Block Diagram
voltage. The PG signal is valid when VIN is above 3.4V. If
VIN is above 3.4V and RUN is low, PG will drive low. If this
function is not used, leave this pin floating.
FB(PinF1,F2):TheLTM8003regulatesitsFBpinto0.97V.
Connect the adjust resistor from this pin to ground. The
valueofRFBisgivenbytheequationRFB=97/(VOUT–0.97),
where RFB is in k.
TR/SS (Pin A3, B3): The TR/SS pin is used to provide a
soft-start or tracking function. The internal 2A pull-up
current in combination with an external capacitor tied to
this pin creates a voltage ramp. If TR/SS is less than 0.97V,
the output voltage tracks to this value. For tracking, tie a
resistor divider to this pin from the tracked output. This
pin is pulled to ground with an internal MOSFET during
shutdown and fault conditions; use a series resistor if
driving from a low impedance output. This pin may be left
floating if the tracking function is not needed.
NC (Pins C5, D5, E5, E6): These pins are not connected,
either to any other net or each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com