Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 30 Page - Linear Technology

Part # LTM4613
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 22Page - Linear Technology LTM4613 Datasheet HTML 23Page - Linear Technology LTM4613 Datasheet HTML 24Page - Linear Technology LTM4613 Datasheet HTML 25Page - Linear Technology LTM4613 Datasheet HTML 26Page - Linear Technology LTM4613 Datasheet HTML 27Page - Linear Technology LTM4613 Datasheet HTML 28Page - Linear Technology LTM4613 Datasheet HTML 29Page - Linear Technology LTM4613 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LTM8003
30
8003fc
For more information www.linear.com/LTM8003
LINEAR TECHNOLOGY CORPORATION 2016
LT 1217 REV C • PRINTED IN USA
www.linear.com/LTM8003
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTM8053
40V, 4A Step-Down µModule Regulator
3.4V ≤ VIN ≤ 40V. 0.97V ≤ VOUT ≤ 15V. 6.25mm x 9mm x 3.32mm BGA Package.
LTM8032
36V, 2A Low EMI Step-Down µModule Regulator 3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 10V. EN55022B Compliant.
LTM8033
36V, 3A Low EMI Step-Down µModule Regulator 3.6V ≤ VIN ≤ 36V. 0.8V ≤ VOUT ≤ 24V. EN55022B Compliant.
LTM8026
36V, 5A CVCC Step-Down µModule Regulator
6V ≤ VIN ≤ 36V. 1.2V ≤ VOUT ≤ 24V. Constant Voltage Constant Current Operation.
LTM4613
36V, 8A Low EMI Step-Down µModule Regulator 5V ≤ VIN ≤ 36V. 3.3V ≤ VOUT ≤ 15V. EN55022B Compliant
LTM8027
60V, 4A Step-Down µModule Regulator
4.5V ≤ VIN ≤ 60V, 2.5V ≤ VOUT ≤ 24V.
LTM8050
58V, 2A Step-Down µModule Regulator
3.6V ≤ VIN ≤ 58V, 0.8V ≤ VOUT ≤ 24V.
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
EXTERNAL
3.3V
4.7µF
100µF
×2
47pF
LTM8003
VOUT
FB
VOUT
0.97V
4A
VIN
VIN
3.4V TO 40V
BIAS
GND
RUN
SYNC
8003 TA06
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG
84k
450kHz
RT
0.97VOUT from 3.4VIN to 40VIN Step Down Converter with Spread Spectrum. BIAS is Tied to an External 3.3V Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com