Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4613
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology LTM4613 Datasheet HTML 20Page - Linear Technology LTM4613 Datasheet HTML 21Page - Linear Technology LTM4613 Datasheet HTML 22Page - Linear Technology LTM4613 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LTM8003
19
8003fc
For more information www.linear.com/LTM8003
APPLICATIONS INFORMATION
BIAS Pin Considerations
The BIAS pin is used to provide drive power for the in-
ternal power switching stage and operate other internal
circuitry. For proper operation, it must be powered by at
least 3.2V. If the output voltage is programmed to 3.2V
or higher, BIAS may be simply tied to VOUT. If VOUT is less
than 3.2V, BIAS can be tied to VIN or some other voltage
source. If the BIAS pin voltage is too high, the efficiency
of the LTM8003 may suffer. The optimum BIAS voltage
is dependent upon many factors, such as load current,
input voltage, output voltage and switching frequency. In
all cases, ensure that the maximum voltage at the BIAS pin
is less than 19V. If BIAS power is applied from a remote
or noisy voltage source, it may be necessary to apply a
decoupling capacitor locally to the pin. A 1µF ceramic
capacitor works well. The BIAS pin may also be left open
at the cost of a small degradation in efficiency. If unused
orgeneratinganegativeoutput,tieBIAStoLTM8003GND.
Maximum Load
ThemaximumpracticalcontinuousloadthattheLTM8003
can drive, while rated at 3.5A, actually depends upon both
the internal current limit and the internal temperature.
The internal current limit is designed to prevent damage
to the LTM8003 in the case of overload or short-circuit.
The internal temperature of the LTM8003 depends upon
operating conditions such as the ambient temperature,
the power delivered, and the heat sinking capability of the
system. For example, if the LTM8003H is configured to
regulateat1.2V,itmaycontinuouslydeliver6Afrom12VIN
if the ambient temperature is controlled to less than 50°C.
This is quite a bit higher than the 3.5A continuous rating.
Please see the “Derating, H-Grade, VOUT = 1.2V” curve in
theTypicalPerformanceCharacteristicssection.Similarly,
if the output voltage is 18V and the ambient temperature
is 100°C, the LTM8003H will deliver at most 2.7A from
24VIN, which is less than the 3.5A continuous rating.
Load Sharing
Neither the LTM8003 nor LTM8003-3.3 are designed to
load share.
Burst Mode Operation
To enhance efficiency at light loads, the LTM8003 auto-
matically switches to Burst Mode operation which keeps
the output capacitor charged to the proper voltage while
minimizing the input quiescent current. During Burst
Mode operation, the LTM8003 delivers single cycle bursts
ofcurrenttotheoutputcapacitorfollowedbysleepperiods
where most of the internal circuitry is powered off and
energy is delivered to the load by the output capacitor.
During the sleep time, VIN and BIAS quiescent currents
are greatly reduced, so, as the load current decreases
towards a no load condition, the percentage of time that
the LTM8003 operates in sleep mode increases and the
average input current is greatly reduced, resulting in
higher light load efficiency.
Burst Mode operation is enabled by tying SYNC to GND.
Minimum Input Voltage
The LTM8003 is a step-down converter, so a minimum
amount of headroom is required to keep the output in
regulation. Keep the input above 3.4V to ensure proper
operation. Voltage transients or ripple valleys that cause
the input to fall below 3.4V may turn off the LTM8003.
Output Voltage Tracking and Soft-Start
The LTM8003 allows the user to adjust its output voltage
ramp rate by means of the TR/SS pin. An internal 2A pulls
up the TR/SS pin to about 2.4V. Putting an external capaci-
tor on TR/SS enables soft starting the output to reduce
current surges on the input supply. During the soft-start
ramp the output voltage will proportionally track the TR/
SS pin voltage. For output tracking applications, TR/SS
can be externally driven by another voltage source. From
0V to 0.97V, the TR/SS voltage will override the internal
0.97V reference input to the error amplifier, thus regulat-
ing the FB pin voltage to that of the TR/SS pin. When TR/
SS is above 0.97V, tracking is disabled and the feedback
voltage will regulate to the internal reference voltage. The
TR/SS pin may be left floating if the function is not needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com