Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 6 Page - Linear Technology

Part # LT8705
Description  60V PolyPhase Synchronous Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT8705 Datasheet HTML 2Page - Linear Technology LT8705 Datasheet HTML 3Page - Linear Technology LT8705 Datasheet HTML 4Page - Linear Technology LT8705 Datasheet HTML 5Page - Linear Technology LT8705 Datasheet HTML 6Page - Linear Technology LT8705 Datasheet HTML 7Page - Linear Technology LT8705 Datasheet HTML 8Page - Linear Technology LT8705 Datasheet HTML 9Page - Linear Technology LT8705 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LTC3784
6
3784fb
For more information www.linear.com/LTC3784
Quiescent Current vs Temperature
EXTVCC Switchover and INTVCC
Voltages vs Temperature
INTVCC Line Regulation
Shutdown (RUN) Threshold
vs Temperature
Undervoltage Lockout Threshold
vs Temperature
INTVCC vs INTVCC Load Current
Shutdown Current vs Temperature
Soft-Start Pull-Up Current
vs Temperature
Shutdown Current vs Input Voltage
TEMPERATURE (°C)
10.5
3784 G10
9.0
11.0
10.0
9.5
–60
15
–35 –10
40 65 90
140
115
–60
15
–35 –10
40 65 90
140
115
TEMPERATURE (°C)
3784 G14
1.25
1.15
1.10
1.40
1.35
1.30
1.20
RUN FALLING
RUN RISING
TEMPERATURE (°C)
3.6
4.1
4.2
4.3
4.4
3.9
3.5
4.0
3.4
3.8
3.7
3784 G15
–60
15
–35 –10
40 65 90
140
115
INTVCC RISING
INTVCC FALLING
INTVCC LOAD CURRENT (mA)
0
5.35
5.40
5.45
140
5.30
5.25
40
80
20
180
60
100
160
120
200
5.20
5.00
5.10
5.05
5.15
5.50
3784 G17
EXTVCC = 0V
EXTVCC = 6V
VIN = 12V
TEMPERATURE (°C)
4.0
4.2
4.6
4.8
5.0
6.0
5.4
4.4
5.6
5.8
5.2
3784 G18
–60
15
–35 –10
40 65 90
140
115
INTVCC
EXTVCC RISING
EXTVCC FALLING
TEMPERATURE (°C)
4.5
4.0
3784 G11
1.0
1.5
2.0
3.0
3.5
6.0
5.5
5.0
2.5
–60
15
–35 –10
40 65 90
140
115
VIN = 12V
INPUT VOLTAGE (V)
7.5
3784 G12
0
5.0
12.5
10.0
2.5
5
15
10
20 25
40 45 50
35
30
65
55 60
VIN = 12V
TEMPERATURE (°C)
35
3784 G13
10
30
50
45
40
25
20
15
–60 –35
40 65 90
15
–10
115 140
VIN = 12V
VFB = 1.25V
RUN = GND
INPUT VOLTAGE (V)
5.2
3784 G16
4.5
5.1
5.5
5.4
5.3
5.0
4.9
4.8
4.7
4.6
0 5 10
45 50 55
30 35 40
15 20 25
60 65
Typical perForMance characTerisTics T
A = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com