Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 37 Page - Linear Technology

Part # LT8705
Description  60V PolyPhase Synchronous Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 37 Page - Linear Technology

Back Button LT8705 Datasheet HTML 30Page - Linear Technology LT8705 Datasheet HTML 31Page - Linear Technology LT8705 Datasheet HTML 32Page - Linear Technology LT8705 Datasheet HTML 33Page - Linear Technology LT8705 Datasheet HTML 34Page - Linear Technology LT8705 Datasheet HTML 35Page - Linear Technology LT8705 Datasheet HTML 36Page - Linear Technology LT8705 Datasheet HTML 37Page - Linear Technology LT8705 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
LTC3784
37
3784fb
For more information www.linear.com/LTC3784
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
revision hisTory
REV
DATE
DESCRIPTION
PAGE NUMBER
A
04/14
Revised Figure 13 resistors
32
B
07/15
Electrical Characteristics table Conditions VEXTVCC = 0, changed to VEXTVCC = 0V
Typical Performance Characteristics section, Soft Start-Up graph, changed time scale from 20ms to 2ms
Pin Functions section, EXTVCC pin description, changed 4.7V to 4.8V
Main Control Loop section, changed IR to IREV
Light Load Current Operation section, changed IR to IREV
INTVCC Regulators section, changed 50mA to 40mA
INTVCC Regulators section, changed Note 3 to Note 2
INTVCC Regulators section, changed less than 10mA to less than 11mA
INTVCC Regulators section equation, changed 10mA to 11mA
INTVCC Regulators section equation, changed 90°C/W to 80°C/W
INTVCC Regulators section, changed 79°C to 77°C
Changed Figure 15 schematic
4
5
9
11
12
22
22
22
22
22
23
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com