Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 27 Page - Linear Technology

Part # LT8705
Description  60V PolyPhase Synchronous Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 27 Page - Linear Technology

Back Button LT8705 Datasheet HTML 23Page - Linear Technology LT8705 Datasheet HTML 24Page - Linear Technology LT8705 Datasheet HTML 25Page - Linear Technology LT8705 Datasheet HTML 26Page - Linear Technology LT8705 Datasheet HTML 27Page - Linear Technology LT8705 Datasheet HTML 28Page - Linear Technology LT8705 Datasheet HTML 29Page - Linear Technology LT8705 Datasheet HTML 30Page - Linear Technology LT8705 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
LTC3784
27
3784fb
For more information www.linear.com/LTC3784
Design Example
As a design example, assume VIN = 12V (nominal),
VIN = 22V(max),VOUT=24V,IOUT(MAX)=8A,VSENSE(MAX) =
75mV, and f = 350kHz.
The components are designed based on single channel
operation. The inductance value is chosen first based on
a 30% ripple current assumption. Tie the PLLIN/MODE
pin to GND, generating 350kHz operation. The minimum
inductance for 30% ripple current is:
ΔIL =
VIN
f •L
1
−
VIN
VOUT
⎛
⎝⎜
⎞
⎠⎟
The largest ripple happens when VIN = 1/2VOUT = 12V,
where the average maximum inductor current for each
channel is:
IMAX =
IOUT(MAX)
2
⎛
⎝⎜
⎞
⎠⎟
•
VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
= 8A
A 6.8μH inductor will produce a 31% ripple current. The
peak inductor current will be the maximum DC value plus
one half the ripple current, or 9.25A.
The RSENSE resistor value can be calculated by using the
maximum current sense voltage specification with some
accommodation for tolerances:
RSENSE ≤
75mV
9.25A
= 0.008Ω
Choosing 1% resistors: RA = 5k and RB = 95.3k yields an
output voltage of 24.072V.
ThepowerdissipationonthetopsideMOSFETineachchan-
nelcanbeeasilyestimated.ChoosingaVishaySi7848BDP
MOSFET results in: RDS(ON) = 0.012Ω, CMILLER = 150pF.
At maximum input voltage with T (estimated) = 50°C:
PMAIN =
(24V –12V) 24V
(12V)2
•(4A)2
• 1
+(0.005)(50°C–25°C)
[
]•0.008Ω
+ (1.7)(24V)3
4A
12V
(150pF)(350kHz)
= 0.7W
COUT is chosen to filter the square current in the output.
The maximum output current peak is:
IOUT(PEAK) = 8• 1+
31%
2
⎛
⎝⎜
⎞
⎠⎟ =
9.3A
A low ESR (5mΩ) capacitor is suggested. This capacitor
will limit output voltage ripple to 46.5mV (assuming ESR
dominates the ripple).
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the IC. These items are also illustrated graphically in the
layout diagram of Figure 8. Figure 9 illustrates the current
waveforms present in the various branches of the 2-phase
synchronousregulatorsoperatinginthecontinuousmode.
Check the following in your layout:
1.PutthebottomN-channelMOSFETsMBOT1andMBOT2
and the top N-channel MOSFETs MTOP1 and MTOP2
in one compact area with COUT .
2. Are the signal and power grounds kept separate? The
combined IC signal ground pin and the ground return of
CINTVCCmustreturntothecombinedCOUT(–)terminals.
The path formed by the bottom N-channel MOSFET
and the capacitor should have short leads and PC trace
lengths. The output capacitor (–) terminals should be
connected as close as possible to the source terminals
of the bottom MOSFETs.
3. Does the LTC3784 VFB pin’s resistive divider connect to
the (+) terminal of COUT? The resistive divider must be
connected between the (+) terminal of COUT and signal
ground and placed close to the VFB pin. The feedback
resistor connections should not be along the high cur-
rent input feeds from the input capacitor(s).
4. Are the SENSE– and SENSE+ leads routed together with
minimumPCtracespacing?Thefiltercapacitorbetween
SENSE+ and SENSE– should be as close as possible
to the IC. Ensure accurate current sensing with Kelvin
connections at the sense resistor.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com