Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 10 Page - Linear Technology

Part # LT8705
Description  60V PolyPhase Synchronous Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT8705 Datasheet HTML 6Page - Linear Technology LT8705 Datasheet HTML 7Page - Linear Technology LT8705 Datasheet HTML 8Page - Linear Technology LT8705 Datasheet HTML 9Page - Linear Technology LT8705 Datasheet HTML 10Page - Linear Technology LT8705 Datasheet HTML 11Page - Linear Technology LT8705 Datasheet HTML 12Page - Linear Technology LT8705 Datasheet HTML 13Page - Linear Technology LT8705 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
LTC3784
10
3784fb
For more information www.linear.com/LTC3784
block DiagraM
SLEEP
SWITCHING
LOGIC
AND
CHARGE
PUMP
+
–
4.8V
3.8V
VBIAS
VIN
CIN
INTVCC
PLLIN/
MODE
PGOOD
+
–
1.32V
1.08V
–
+
+
–
+
–
+
VFB
EXTVCC
5.4V
LDO
VCO
PFD
SW
0.425V
SENS LO
BOOST
TG
CB
COUT
VOUT
DB
CLKOUT
PGND
BG
INTVCC
VFB
S
R
Q
EA
1.32V
SS
1.2V
RSENSE
0.5µA/
4.5µA
10µA
11V
SHDN
–
+
SHDN
2.3V
–
+
RC
SS
SENS
LO
ITH
CC
CSS
CC2
0.7V
2.8V
SLOPE COMP
2mV
+
–
–
+
SENSE–
SENSE+
SHDN
CLK2
CLK1
RUN
SGND
INTVCC
OVMODE
FREQ
DUPLICATE FOR SECOND CONTROLLER CHANNEL
+ –
+
–
L
+
–
EN
5.4V
LDO
EN
20µA
100k
5M
SYNC
DET
ILIM
PHASMD
OV
3784 BD
CURRENT
LIMIT
ICMP
IREV
INTVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com