Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 1 Page - Linear Technology

Part # LT8705
Description  60V PolyPhase Synchronous Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 1 Page - Linear Technology

  LT8705 Datasheet HTML 1Page - Linear Technology LT8705 Datasheet HTML 2Page - Linear Technology LT8705 Datasheet HTML 3Page - Linear Technology LT8705 Datasheet HTML 4Page - Linear Technology LT8705 Datasheet HTML 5Page - Linear Technology LT8705 Datasheet HTML 6Page - Linear Technology LT8705 Datasheet HTML 7Page - Linear Technology LT8705 Datasheet HTML 8Page - Linear Technology LT8705 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LTC3784
1
3784fb
For more information www.linear.com/LTC3784
n
Industrial
n
Automotive
n
Medical
n
Military
Typical applicaTion
n
PolyPhase® Operation Reduces Required Input and
Output Capacitance and Power Supply Induced Noise
n
Synchronous Operation for Highest Efficiency and
Reduced Heat Dissipation
n
Wide VIN Range: 4.5V to 60V (65V Abs Max);
Operates Down to 2.3V After Start-Up
n
Output Voltage Up to 60V
n
±1% 1.200V Reference Voltage
n
RSENSE or Inductor DCR Current Sensing
n
100% Duty Cycle Capability for Synchronous MOSFET
n
Low Quiescent Current: 28μA
n
Phase-Lockable Frequency (75kHz to 850kHz)
n
Programmable Fixed Frequency (50kHz to 900kHz)
n
Power Good Output Voltage Monitor
n
Low Shutdown Current, IQ < 4µA
n
Internal LDO Powers Gate Drive from VBIAS or EXTVCC
n
Thermally Enhanced Low Profile 28-Pin 4mm × 5mm
QFN Package and Narrow SSOP Package
FeaTures
DescripTion
60V PolyPhase Synchronous
Boost Controller
The LTC®3784 is a high performance PolyPhase® single
output synchronous boost converter controller that drives
two N-channel power MOSFET stages out-of-phase.
Multiphase operation reduces input and output capacitor
requirements and allows the use of smaller inductors than
the single-phase equivalent. Synchronous rectification in-
creasesefficiency,reducespowerlossesandeasesthermal
requirements, simplifying high power boost applications.
A 4.5V to 60V input supply range encompasses a wide
range of system architectures and battery chemistries.
When biased from the output of the boost converter or
another auxiliary supply, the LTC3784 can operate from an
input supply as low as 2.3V after start-up. The operating
frequency can be set within a 50kHz to 900kHz range or
synchronized to an external clock using the internal PLL.
PolyPhase operation allows the LTC3784 to be configured
for 2-, 3-, 4-, 6- and 12-phase operation.
The SS pin ramps the output voltage during start-up. The
PLLIN/MODE pin selects Burst Mode® operation, pulse-
skipping mode or forced continuous mode at light loads.
applicaTions
L
, LT, LTC, LTM, Linear Technology, the Linear logo, Burst Mode, OPTI-LOOP and PolyPhase
are registered trademarks and No RSENSE and ThinSOT are trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners. Protected by
U. S. Patents, including 5408150, 5481178, 5705919, 5929620, 6144194, 6177787, 6580258.
4m
3.3µH
3.3µH
220µF
3784 TA01a
TG1
BOOST1
SW1
BG1
FREQ
OVMODE
SGND
SS
PGND
ITH
VBIAS
VIN
LTC3784
INTVCC
PLLIN/MODE
TG2
BOOST2
SW2
BG2
SENSE2+
SENSE2–
SENSE1+
SENSE1–
VFB
15nF
8.66k
0.1µF
100pF
47µF
0.1µF
4.7µF
4.5V TO 60V
DOWN TO 2.3V AFTER
STARTUP IF VBIAS IS
POWERED FROM VOUT
4m
232k
12.1k
0.1µF
VOUT
24V AT 10A
VOUT
FOLLOWS VIN
FOR VIN > 24V
240W, 12V to 24V/10A 2-Phase Synchronous Boost Converter
OUTPUT CURRENT (A)
40
50
60
70
80
3784 TA01b
30
20
10
0
90
100
10
100
1000
1
0.1
10000
0.01
0.1
1
10
BURST EFFICIENCY
BURST LOSS
VIN = 12V
VOUT = 24V
Burst Mode OPERATION
FIGURE 10 CIRCUIT
0.0001 0.001
0.00001
Efficiency and Power Loss
vs Output Current


Similar Part No. - LT8705

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8705 LINER-LT8705 Datasheet
556Kb / 30P
High Efficiency, Synchronous,4-Switch Buck-Boost Controller
LT8705 LINER-LT8705 Datasheet
290Kb / 24P
Wide Input Range Synchronous Regulator Controller with Accurate Current Limit
LT8705 LINER-LT8705 Datasheet
1Mb / 32P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT8705 LINER-LT8705 Datasheet
1Mb / 30P
60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT8705 LINER-LT8705 Datasheet
2Mb / 44P
Low IQ, 38V Synchronous BoostBuck Controller
More results

Similar Description - LT8705

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3787 LINER-LTC3787 Datasheet
373Kb / 36P
PolyPhase Synchronous Boost Controller
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
60V Synchronous 4-Switch Buck-Boost Controller
LTC3769 LINER-LTC3769_15 Datasheet
433Kb / 32P
60V Low IQ Synchronous Boost Controller
LTC3787 LINER-LTC3787_15 Datasheet
372Kb / 36P
PolyPhase Synchronous Boost Controller
LTC3784 LINER-LTC3784_15 Datasheet
523Kb / 38P
60V PolyPhase Synchronous Boost Controller
LT3790 LINER-LT3790 Datasheet
603Kb / 10P
60V Four-Switch Synchronous Buck-Boost Controller
LT3762 LINER-LT3762 Datasheet
2Mb / 34P
60V Synchronous Boost LED Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
Low IQ, 60V Synchronous BoostBuck Controller
logo
Analog Devices
LTC7841 AD-LTC7841 Datasheet
1Mb / 48P
PolyPhase Synchronous Boost Controller with PMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com