Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 23 Page - Linear Technology

Part # LT8705
Description  60V PolyPhase Synchronous Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 23 Page - Linear Technology

Back Button LT8705 Datasheet HTML 19Page - Linear Technology LT8705 Datasheet HTML 20Page - Linear Technology LT8705 Datasheet HTML 21Page - Linear Technology LT8705 Datasheet HTML 22Page - Linear Technology LT8705 Datasheet HTML 23Page - Linear Technology LT8705 Datasheet HTML 24Page - Linear Technology LT8705 Datasheet HTML 25Page - Linear Technology LT8705 Datasheet HTML 26Page - Linear Technology LT8705 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
LTC3784
23
3784fb
For more information www.linear.com/LTC3784
applicaTions inForMaTion
Significant thermal gains can be realized by powering
INTVCC from an external supply. Tying the EXTVCC pin
to a 5V supply reduces the junction temperature in the
previous example from 125°C to 77°C in a QFN package:
TJ = 70°C + (32mA)(5V)(43°C/W) = 77°C
and from 125°C to 74°C in an SSOP package:
TJ = 70°C + (15mA)(5V)(80°C/W) = 77°C
The following list summarizes possible connections for
EXTVCC:
EXTVCCGrounded.ThiswillcauseINTVCCtobepowered
fromtheinternal5.4Vregulatorresultinginanefficiency
penalty at high input voltages.
EXTVCC Connected to an External Supply. If an external
supply is available in the 5V to 14V range, it may be
used to provide power. Ensure that EXTVCC is always
lower than or equal to VBIAS.
Topside MOSFET Driver Supply (CB, DB)
External bootstrap capacitors CB connected to the BOOST
pins supply the gate drive voltages for the topside MOS-
FETs. Capacitor CBintheBlockDiagramischargedthough
external diode DB from INTVCC when the SW pin is low.
When one of the topside MOSFETs is to be turned on, the
driver places the CB voltage across the gate and source
of the desired MOSFET. This enhances the MOSFET and
turns on the topside switch. The switch node voltage, SW,
rises to VOUT and the BOOST pin follows. With the topside
MOSFET on, the boost voltage is above the output voltage:
VBOOST = VOUT + VINTVCC. The value of the boost capacitor
CBneedstobe100timesthatofthetotalinputcapacitance
of the topside MOSFET(s). The reverse breakdown of the
external Schottky diode must be greater than VOUT(MAX).
The external diode DB can be a Schottky diode or silicon
diode, but in either case it should have low leakage and fast
recovery. Pay close attention to the reverse leakage at high
temperatures, where it generally increases substantially.
Each of the topside MOSFET drivers includes an internal
charge pump that delivers current to the bootstrap capaci-
tor from the BOOST pin. This charge current maintains
the bias voltage required to keep the top MOSFET on
continuously during dropout/overvoltage conditions. The
Schottky/silicon diodes selected for the topside drivers
shouldhaveareverseleakagelessthantheavailableoutput
current the charge pump can supply. Curves displaying
the available charge pump current under different operat-
ing conditions can be found in the Typical Performance
Characteristics section.
A leaky diode DB in the boost converter can not only
prevent the top MOSFET from fully turning on but it can
also completely discharge the bootstrap capacitor CB and
create a current path from the input voltage to the BOOST
pin to INTVCC. This can cause INTVCC to rise if the diode
leakage exceeds the current consumption on INTVCC.
This is particularly a concern in Burst Mode operation
where the load on INTVCC can be very small. The external
Schottky or silicon diode should be carefully chosen such
that INTVCC never gets charged up much higher than its
normal regulation voltage.
Fault Conditions: Overtemperature Protection
At higher temperatures, or in cases where the internal
power dissipation causes excessive self heating on-chip
(such as an INTVCC short to ground), the overtemperature
shutdown circuitry will shut down the LTC3784. When the
junction temperature exceeds approximately 170°C, the
overtemperaturecircuitrydisablestheINTVCCLDO,causing
the INTVCC supply to collapse and effectively shut down
the entire LTC3784 chip. Once the junction temperature
drops back to approximately 155°C, the INTVCCLDOturns
back on. Long term overstress (TJ > 125°C) should be
avoided as it can degrade the performance or shorten
the life of the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com