Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 12 Page - Linear Technology

Part # LT8705
Description  60V PolyPhase Synchronous Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT8705 Datasheet HTML 8Page - Linear Technology LT8705 Datasheet HTML 9Page - Linear Technology LT8705 Datasheet HTML 10Page - Linear Technology LT8705 Datasheet HTML 11Page - Linear Technology LT8705 Datasheet HTML 12Page - Linear Technology LT8705 Datasheet HTML 13Page - Linear Technology LT8705 Datasheet HTML 14Page - Linear Technology LT8705 Datasheet HTML 15Page - Linear Technology LT8705 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
LTC3784
12
3784fb
For more information www.linear.com/LTC3784
When the controller is enabled for Burst Mode opera-
tion, the minimum peak current in the inductor is set to
approximately 30% of the maximum sense voltage even
though the voltage on the ITH pin indicates a lower value.
If the average inductor current is higher than the required
current, the error amplifier EA will decrease the voltage
on the ITH pin. When the ITH voltage drops below 0.425V,
the internal sleep signal goes high (enabling sleep mode)
and both external MOSFETs are turned off.
In sleep mode much of the internal circuitry is turned off
and the LTC3784 draws only 28μA of quiescent current.
In sleep mode the load current is supplied by the output
capacitor. As the output voltage decreases, the EA’s output
begins to rise. When the output voltage drops enough, the
sleep signal goes low and the controller resumes normal
operation by turning on the bottom external MOSFET on
the next cycle of the internal oscillator.
When the controller is enabled for Burst Mode operation,
the inductor current is not allowed to reverse. The reverse
current comparator (IREV) turns off the top external
MOSFET just before the inductor current reaches zero,
preventing it from reversing and going negative. Thus,
thecontrolleroperatesindiscontinuouscurrentoperation.
In forced continuous operation or when clocked by an
external clock source to use the phase-locked loop (see
the Frequency Selection and Phase-Locked Loop section),
the inductor current is allowed to reverse at light loads or
under large transient conditions. The peak inductor cur-
rent is determined by the voltage on the ITH pin, just as
in normal operation. In this mode, the efficiency at light
loads is lower than in Burst Mode operation. However,
continuous operation has the advantages of lower output
voltage ripple and less interference to audio circuitry, as
it maintains constant-frequency operation independent
of load current.
WhenthePLLIN/MODEpinisconnectedforpulse-skipping
mode,theLTC3784operatesinPWMpulse-skippingmode
at light loads. In this mode, constant-frequency operation
is maintained down to approximately 1% of designed
maximum output current. At very light loads, the current
comparator ICMP may remain tripped for several cycles
and force the external bottom MOSFET to stay off for
the same number of cycles (i.e., skipping pulses). The
inductor current is not allowed to reverse (discontinuous
operation). This mode, like forced continuous operation,
exhibits low output ripple as well as low audio noise and
reduced RF interference as compared to Burst Mode
operation. It provides higher low current efficiency than
forced continuous mode, but not nearly as high as Burst
Mode operation.
Frequency Selection and Phase-Locked Loop
(FREQ and PLLIN/MODE Pins)
Theselectionofswitchingfrequencyisatrade-offbetween
efficiency and component size. Low frequency opera-
tion increases efficiency by reducing MOSFET switching
losses, but requires larger inductance and/or capacitance
to maintain low output ripple voltage.
The switching frequency of the LTC3784’s controllers can
be selected using the FREQ pin.
If the PLLIN/MODE pin is not being driven by an external
clock source, the FREQ pin can be tied to SGND, tied to
INTVCC,orprogrammedthroughanexternalresistor.Tying
FREQ to SGND selects 350kHz while tying FREQ to INTVCC
selects535kHz.PlacingaresistorbetweenFREQandSGND
allows the frequency to be programmed between 50kHz
and 900kHz, as shown in Figure 7.
A phase-locked loop (PLL) is available on the LTC3784
to synchronize the internal oscillator to an external clock
source that is connected to the PLLIN/MODE pin. The
LTC3784’s phase detector adjusts the voltage (through
an internal lowpass filter) of the VCO input to align the
turn-on of the first controller’s external bottom MOSFET
to the rising edge of the synchronizing signal. Thus, the
turn-onofthesecondcontroller’sexternalbottomMOSFET
is 180 or 240 degrees out-of-phase to the rising edge of
theexternalclocksource.Whensynchronized,theLTC3784
will operate in forced continuous mode of operation if the
OVMODE pin is grounded. If the OVMODE pin is tied to
INTVCC, the LTC3784 will operate in pulse-skipping mode
of operation when synchronized.
The VCO input voltage is prebiased to the operating fre-
quency set by the FREQ pin before the external clock is
applied. If prebiased near the external clock frequency,
operaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com