Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 30 Page - Linear Technology

Part # LT8705
Description  60V PolyPhase Synchronous Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 30 Page - Linear Technology

Back Button LT8705 Datasheet HTML 26Page - Linear Technology LT8705 Datasheet HTML 27Page - Linear Technology LT8705 Datasheet HTML 28Page - Linear Technology LT8705 Datasheet HTML 29Page - Linear Technology LT8705 Datasheet HTML 30Page - Linear Technology LT8705 Datasheet HTML 31Page - Linear Technology LT8705 Datasheet HTML 32Page - Linear Technology LT8705 Datasheet HTML 33Page - Linear Technology LT8705 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
LTC3784
30
3784fb
For more information www.linear.com/LTC3784
Typical applicaTions
MBOT2
MTOP2
SENSE1+
SENSE1–
SENSE2+
SENSE2–
VFB
ITH
SGND
EXTVCC
RUN
FREQ
SS
PLLIN/MODE
OVMODE
PGOOD
TG1
SW1
BOOST1
BG1
VBIAS
INTVCC
PGND
BG2
TG2
BOOST2
SW2
CB1, 0.1µF
COUTA1
22µF
× 4
CB2, 0.1µF
CINT
4.7µF
RB
232k
LTC3784
L2
3.3µH
L1
3.3µH
MTOP1
MBOT1
100k
3784 F10
INTVCC
RSENSE1
4m
CSS, 0.1µF
RA, 12.1k
CITHA, 220pF
RITH, 8.66k
CITH, 15nF
RSENSE2
4m
D1
D2
ILIM
PHASMD
CLKOUT
+
COUTB1
220µF
COUTA2
22µF
× 4
+
COUTB2
220µF
CIN
22µF
× 2
VIN
5V TO 24V
VOUT
24V
10A*
CIN, COUTA1, COUTA2: TDK C4532X5R1E226M
COUTB1, COUTB2: SANYO, 50CE220LX
L1, L2: PULSE PA1494.362NL
MBOT1, MBOT2, MTOP1, MTOP2: RENESAS HAT2169H
D1, D2: BAS140W
*WHEN VIN < 8V, MAXIMUM LOAD CURRENT AVAILABLE IS REDUCED.
Figure 10. High Efficiency 2-Phase 24V Boost Converter
Figure 11. High Efficiency 2-Phase 28V Boost Converter
MBOT2
MTOP2
SENSE1+
SENSE1–
SENSE2+
SENSE2–
VFB
ITH
SGND
EXTVCC
RUN
FREQ
SS
OVMODE
PLLIN/MODE
PGOOD
TG1
SW1
BOOST1
BG1
VBIAS
INTVCC
PGND
BG2
TG2
BOOST2
SW2
CB1, 0.1µF
COUTA1
6.8µF
× 4
CB2, 0.1µF
CINT
4.7µF
RB
271k
LTC3784
L2
3.3µH
L1
3.3µH
MTOP1
MBOT1
100k
3784 F11
INTVCC
RSENSE1
4m
CSS, 0.1µF
RA, 12.1k
CITHA, 220pF
RITH, 8.66k
CITH, 15nF
RSENSE2
4m
D1
D2
ILIM
PHASMD
CLKOUT
+
COUTB1
220µF
COUTA2
6.8µF
× 4
+
COUTB2
220µF
CIN
6.8µF
× 4
VIN
5V TO 28V
VOUT
28V
8A
CIN, COUTA1, COUTA2: TDK C4532X7RIH685K
COUTB1, COUTB2: SANYO, 50CE220LX
L1, L2: PULSE PA1494.362NL
MBOT1, MBOT2, MTOP1, MTOP2: RENESAS HAT2169H
D1, D2: BAS140W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com