Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 6 Page - Linear Technology

Part # LT6237
Description  16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6237 Datasheet HTML 2Page - Linear Technology LT6237 Datasheet HTML 3Page - Linear Technology LT6237 Datasheet HTML 4Page - Linear Technology LT6237 Datasheet HTML 5Page - Linear Technology LT6237 Datasheet HTML 6Page - Linear Technology LT6237 Datasheet HTML 7Page - Linear Technology LT6237 Datasheet HTML 8Page - Linear Technology LT6237 Datasheet HTML 9Page - Linear Technology LT6237 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
LTC2372-16
6
237216f
For more information www.linear.com/LTC2372-16
aDc TiMing characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSMPL
Maximum Sampling Frequency
l
500
ksps
tCONV
Conversion Time
l
1
1.5
µs
tACQ
Acquisition Time
tACQ = tCYC – tHOLD (Note 6)
l
1.46
µs
tHOLD
Maximum Time Between Acquisitions
l
540
ns
tCYC
Time Between Conversions
l
2
µs
tCNVH
CNV High Time
l
20
ns
tCNVL
Minimum Low Time for CNV
(Note 13)
l
20
ns
tBUSYLH
CNV↑ to BUSY↑ Delay
CL = 20pF
l
13
ns
tRESETH
RESET Pulse Width
l
200
ns
power requireMenTs The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
l
4.75
5
5.25
V
OVDD
Supply Voltage
l
1.71
5.25
V
IVDD
IOVDD
INAP
ISLEEP
Supply Current
Supply Current
Nap Mode Current
Sleep Mode Current
500ksps Sample Rate
500ksps Sample Rate (CL = 20pF)
Conversion Done (IVDD + IOVDD)
Sleep Mode (IVDD + IOVDD)
l
l
l
l
5.4
0.35
1.25
60
7
1.5
120
mA
mA
mA
μA
PD
Power Dissipation
Nap Mode
Sleep Mode
500ksps Sample Rate
Conversion Done (IVDD + IOVDD)
Sleep Mode (IVDD + IOVDD)
27
6.25
300
35
7.5
600
mW
mW
µW
DigiTal inpuTs anD DigiTal ouTpuTs The
l
denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
l
0.8 • OVDD
V
VIL
Low Level Input Voltage
l
0.2 • OVDD
V
IIN
Digital Input Current
VIN = 0V to OVDD
l
–10
10
μA
CIN
Digital Input Capacitance
5
pF
VOH
High Level Output Voltage
IO = –500µA
l
OVDD – 0.2
V
VOL
Low Level Output Voltage
IO = 500µA
l
0.2
V
IOZ
Hi-Z Output Leakage Current
VOUT = 0V to OVDD
l
–10
10
µA
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = OVDD
10
mA
reFerence buFFer characTerisTics The
l
denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREFBUF
Reference Buffer Output Voltage VREFIN = 2.048V
l
4.088
4.096
4.104
V
REFBUF Input Voltage Range
(REFBUF Overdriven) (Notes 5, 9)
l
2.5
5
V
REFBUF Output Impedance
VREFIN = 0V (Buffer Disabled)
13
kΩ
IREFBUF
REFBUF Load Current
VREFBUF = 5V (REFBUF Overdriven) (Notes 9, 12)
VREFBUF = 5V, Nap Mode (REFBUF Overdriven) (Note 9)
l
0.7
0.38
1
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com