Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 34 Page - Linear Technology

Part # LT6237
Description  16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 34 Page - Linear Technology

Back Button LT6237 Datasheet HTML 30Page - Linear Technology LT6237 Datasheet HTML 31Page - Linear Technology LT6237 Datasheet HTML 32Page - Linear Technology LT6237 Datasheet HTML 33Page - Linear Technology LT6237 Datasheet HTML 34Page - Linear Technology LT6237 Datasheet HTML 35Page - Linear Technology LT6237 Datasheet HTML 36Page - Linear Technology LT6237 Datasheet HTML 37Page - Linear Technology LT6237 Datasheet HTML 38Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
LTC2372-16
34
237216f
For more information www.linear.com/LTC2372-16
Figure 21. Truncated Programming Transaction Followed by the Successful Programming of One Configuration
applicaTions inForMaTion
CNV
BUSY
RDL
1
2
3
4
SCK
5
6
1
2
C[7]
A[3]
C[7]
A[3]
A[2]
A[1] A[0]
A[2] A[1]
A[0] R[1]
R[1]
R[0] SEL
SDI
DON’T CARE
DON’T CARE
START OF NEW
TRANSACTION
WINDOW
START OF NEW
TRANSACTION
WINDOW
TRANSACTION
WINDOW CLOSED
PARTIAL CONTROL
WORD DISCARDED
PARTIAL CONTROL
WORD DISCARDED
VALID CONTROL
WORD ACCEPTED
Hi-Z
Hi-Z
Hi-Z
1ST VALID CONTROL WORD ENTERED
SEQUENCER MEMORY CLEARED AND UPDATED
NEW CONFIGURATION APPLIED
NEW ACQUISITION PERIOD BEGINS
SDO
237216 F21
D15
D14
D13
D12
D11
D10
D15
D14
D13
D12
D11
D10
D9
D8
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com