Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6237
Description  16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 1 Page - Linear Technology

  LT6237 Datasheet HTML 1Page - Linear Technology LT6237 Datasheet HTML 2Page - Linear Technology LT6237 Datasheet HTML 3Page - Linear Technology LT6237 Datasheet HTML 4Page - Linear Technology LT6237 Datasheet HTML 5Page - Linear Technology LT6237 Datasheet HTML 6Page - Linear Technology LT6237 Datasheet HTML 7Page - Linear Technology LT6237 Datasheet HTML 8Page - Linear Technology LT6237 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
LTC2372-16
1
237216f
For more information www.linear.com/LTC2372-16
Typical applicaTion
FeaTures
DescripTion
16-Bit, 500ksps, 8-Channel
SAR ADC with 96dB SNR
applicaTions
The LTC®2372-16 is a low noise, high speed, 8-channel
16-bitsuccessiveapproximationregister(SAR)ADC.Oper-
atingfromasingle5Vsupply,theLTC2372-16hasahighly
configurable, low crosstalk 8-channel input multiplexer,
supporting fully differential, pseudo-differential unipolar
and pseudo-differential bipolar analog input ranges. The
LTC2372-16 achieves ±1LSB INL (maximum) in all input
ranges, no missing codes at 16-bits and 96dB (fully
differential)/93.5dB (pseudo-differential) SNR (typical).
The LTC2372-16 has an onboard low drift (20ppm/°C
max) 2.048V temperature-compensated reference and
a single-shot capable reference buffer. The LTC2372-16
also has a high speed SPI-compatible serial interface that
supports 1.8V, 2.5V, 3.3V and 5V logic through which a
sequencer with a depth of 16 may be programmed. An
internaloscillatorsetstheconversiontime,easingexternal
timing considerations. The LTC2372-16 dissipates only
27mW and automatically naps between conversions,
leading to reduced power dissipation that scales with the
sampling rate. A sleep mode is also provided to reduce
the power consumption of the LTC2372-16 to 300μW for
further power savings during inactive periods.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
SoftSpan is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners. Protected by U.S. Patents, including 7705765, 7961132, 8319673.
n
500ksps Throughput Rate
n
16-Bit Resolution with No Missing Codes
n
8-Channel Multiplexer with Selectable Input Range
n
Fully Differential (±4.096V)
n
Pseudo-Differential Unipolar (0V to 4.096V)
n
Pseudo-Differential Bipolar (±2.048V)
n
INL: ±1LSB (Maximum)
n
SNR: 96dB (Fully Differential)/93.5dB (Pseudo-
Differential) (Typical) at fIN = 1kHz
n
THD: –110dB (Typical) at fIN = 1kHz
n
Programmable Sequencer
n
Selectable Digital Gain Compression
n
Single 5V Supply with 1.8V to 5V I/O Voltages
n
SPI-Compatible Serial I/O
n
Onboard 2.048V Reference and Reference Buffer
n
No Pipeline Delay, No Cycle Latency
n
Power Dissipation 27mW (Typical)
n
Guaranteed Operation to 125°C
n
32-Lead 5mm × 5mm QFN Package
n
Programmable Logic Controllers
n
Industrial Process Control
n
High Speed Data Acquisition
n
Portable or Compact Instrumentation
n
ATE
Integral Nonlinearity
vs Output Code
SAMPLE
CLOCK
237216 TA01a
10µF
0.1µF
5V
1.8V TO 5V
47µF
1200pF
10
10
1200pF
REFBUF
GND
RESET
RDL
SDO
SCK
SDI
BUSY
CNV
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
LTC2372-16
MUX
VDD
2.2µF
0.1µF
REFIN
VDDLBYP OVDD
16-BIT
SAMPLING ADC
+
–
–
+
4.096V
0V
0V
4.096V
0V
2.048V
4.096V
0V
4.096V
0V
FULLY DIFFERENTIAL
BIPOLAR
UNIPOLAR
OUTPUT CODE
0
16384
32768
49152
65536
–1.0
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.4
0.6
0.8
1.0
237216 TA01b


Similar Part No. - LT6237

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6237 LINER-LT6237 Datasheet
984Kb / 20P
14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LT6237 LINER-LT6237 Datasheet
911Kb / 20P
12-Bit, 5Msps Serial Sampling ADC in TSOT
LT6237 LINER-LT6237 Datasheet
513Kb / 22P
12-Bit, 500ksps Serial Sampling ADC in TSOT
LT6237 LINER-LT6237 Datasheet
626Kb / 22P
14-Bit, 500ksps Serial Sampling ADC in TSOT
LT6237 LINER-LT6237 Datasheet
1Mb / 40P
Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LT6237

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2392-16 LINER-LTC2392-16 Datasheet
290Kb / 24P
16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2380-16 LINER-LTC2380-16 Datasheet
416Kb / 24P
16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LTC2367-16 LINER-LTC2367-16_15 Datasheet
527Kb / 24P
16-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2377-16 LINER-LTC2377-16_15 Datasheet
764Kb / 24P
16-Bit, 500ksps, Low Power SAR ADC with 97dB SNR
LTC2377-18 LINER-LTC2377-18_15 Datasheet
582Kb / 24P
18-Bit, 500ksps, Low Power SAR ADC with 102dB SNR
LTC2392-16 LINER-LTC2392-16_15 Datasheet
330Kb / 26P
16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2372-16 LINER-LTC2372-16_15 Datasheet
2Mb / 50P
16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
LTC2372-18 LINER-LTC2372-18_15 Datasheet
1Mb / 50P
18-Bit, 500ksps, 8-Channel SAR ADC with 100dB SNR
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com