Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 5 Page - Linear Technology

Part # LT6237
Description  16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 5 Page - Linear Technology

  LT6237 Datasheet HTML 1Page - Linear Technology LT6237 Datasheet HTML 2Page - Linear Technology LT6237 Datasheet HTML 3Page - Linear Technology LT6237 Datasheet HTML 4Page - Linear Technology LT6237 Datasheet HTML 5Page - Linear Technology LT6237 Datasheet HTML 6Page - Linear Technology LT6237 Datasheet HTML 7Page - Linear Technology LT6237 Datasheet HTML 8Page - Linear Technology LT6237 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
LTC2372-16
5
237216f
For more information www.linear.com/LTC2372-16
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
THD
Total Harmonic Distortion
Fully Differential
fIN = 1kHz, REFIN = 2.048V (REFIN Overdriven)
Pseudo-Differential Unipolar
fIN = 1kHz, REFIN = 2.048V (REFIN Overdriven)
Pseudo-Differential Bipolar
fIN = 1kHz, REFIN = 2.048V (REFIN Overdriven)
l
l
l
–114
–110
–110
–101
–100
–100
dB
dB
dB
Fully Differential
fIN = 1kHz, REFBUF = 5V (REFBUF Overdriven) (Note 9)
Pseudo-Differential Unipolar
fIN = 1kHz, REFBUF = 5V (REFBUF Overdriven) (Note 9)
Pseudo-Differential Bipolar
fIN = 1kHz, REFBUF = 5V (REFBUF Overdriven) (Note 9)
–111
–110
–110
dB
dB
dB
Fully Differential
fIN = 1kHz, REFIN = 2.048V (REFIN Overdriven), SEL = 1
Pseudo-Differential Bipolar
fIN = 1kHz, REFIN = 2.048V (REFIN Overdriven), SEL = 1
–113
–110
dB
dB
SFDR
Spurious Free Dynamic Range
Fully Differential
fIN = 1kHz, REFIN = 2.048V (REFIN Overdriven)
Pseudo-Differential Unipolar
fIN = 1kHz, REFIN = 2.048V (REFIN Overdriven)
Pseudo-Differential Bipolar
fIN = 1kHz, REFIN = 2.048V (REFIN Overdriven)
l
l
l
101
100
100
114
110
110
dB
dB
dB
Fully Differential
fIN = 1kHz, REFBUF = 5V (REFBUF Overdriven) (Note 9)
Pseudo-Differential Unipolar
fIN = 1kHz, REFBUF = 5V (REFBUF Overdriven) (Note 9)
Pseudo-Differential Bipolar
fIN = 1kHz, REFBUF = 5V (REFBUF Overdriven) (Note 9)
112
112
112
dB
dB
dB
Fully Differential
fIN = 1kHz, REFIN = 2.048V (REFIN Overdriven), SEL = 1
Pseudo-Differential Bipolar
fIN = 1kHz, REFIN = 2.048V (REFIN Overdriven), SEL = 1
112.5
113.5
dB
dB
Channel-to-Channel Crosstalk
fIN = 100kHz, Signal Applied to an OFF Channel
–107
dB
–3dB Input Linear Bandwidth
22
MHz
Aperture Delay
500
ps
Aperture Jitter
4
psRMS
Transient Response
Full-Scale Step
0.5
µs
DynaMic accuracy The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C and AIN = –1dBFS. (Notes 4, 10)
inTernal reFerence characTerisTics The
l
denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREFIN
Internal Reference Output Voltage
2.043
2.048
2.053
V
VREFIN Temperature Coefficient
(Note 11)
l
4
20
ppm/°C
REFIN Output Impedance
15
kΩ
VREFIN Line Regulation
VDD = 4.75V to 5.25V
0.06
mV/V
REFIN Input Voltage Range
(REFIN Overdriven) (Note 5)
1.25
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com