Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 29 Page - Linear Technology

Part # LT6237
Description  16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 29 Page - Linear Technology

Back Button LT6237 Datasheet HTML 25Page - Linear Technology LT6237 Datasheet HTML 26Page - Linear Technology LT6237 Datasheet HTML 27Page - Linear Technology LT6237 Datasheet HTML 28Page - Linear Technology LT6237 Datasheet HTML 29Page - Linear Technology LT6237 Datasheet HTML 30Page - Linear Technology LT6237 Datasheet HTML 31Page - Linear Technology LT6237 Datasheet HTML 32Page - Linear Technology LT6237 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
LTC2372-16
29
237216f
For more information www.linear.com/LTC2372-16
applicaTions inForMaTion
POWER CONSIDERATIONS
The LTC2372-16 provides two power supply pins: the 5V
power supply (VDD), and the digital input/output interface
power supply (OVDD). The flexible OVDD supply allows
the LTC2372-16 to communicate with any digital logic
operating between 1.8V and 5V, including 2.5V and 3.3V
systems.
Power Supply Sequencing
The LTC2372-16 does not have any specific power supply
sequencing requirements. Care should be taken to adhere
to the maximum voltage relationships described in the
Absolute Maximum Ratings section. The LTC2372-16
has a power-on-reset (POR) circuit that will reset the
LTC2372-16 at initial power-up or whenever the power
supply voltage drops below 2V. Once the supply voltage
re-enters the nominal supply voltage range, the POR will
reinitialize the ADC. No conversions should be initiated
until 100ms after a POR event to ensure the reinitialization
period has ended. Any conversions initiated before this
time will produce invalid results.
TIMING AND CONTROL
CNV Timing
The LTC2372-16 conversion is controlled by CNV. A ris-
ing edge on CNV will start a conversion and power up
the LTC2372-16. Once a conversion has been initiated,
it cannot be restarted until the conversion is complete.
For optimum performance, CNV should be driven by a
clean low jitter signal. Converter status is indicated by the
BUSY output which remains high while the conversion is
in progress. To ensure that no errors occur in the digitized
results, any additional transitions on CNV should occur
within 40ns from the start of the conversion or after the
conversion has been completed. Once the conversion
has completed, the LTC2372-16 powers down. It is not
necessary to clock out all of the data and configuration
bits before starting a new conversion.
Acquisition
AproprietarysamplingarchitectureallowstheLTC2372-16
to begin acquiring the input signal for the next conver-
sion 527ns after the start of the current conversion. This
extends the acquisition time to 1.460µs, easing settling
requirements and allowing the use of extremely low power
ADC drivers. (Refer to Timing Diagrams)
Internal Conversion Clock
The LTC2372-16 has an internal clock that is trimmed to
achieve a maximum conversion time of 1.5µs.
Auto Nap Mode
The LTC2372-16 automatically enters nap mode after a
conversion has been completed and completely powers
up once a new conversion is initiated on the rising edge of
CNV. During nap mode, only the ADC core powers down
and all other circuits remain active. During nap, data from
the last conversion can be clocked out. The auto nap mode
featurewillreducethepowerdissipationoftheLTC2372-16
as the sampling frequency is reduced. Since full power is
consumed only during a conversion, the ADC core of the
LTC2372-16remainspowereddownforalargerfractionof
the conversion cycle (tCYC) at lower sample rates, thereby
reducing the average power dissipation which scales with
the sampling rate as shown in Figure 16.
Sleep Mode
The auto nap mode feature provides limited power savings
since only the ADC core powers down. To obtain greater
power savings, the LTC2372-16 provides a sleep mode.
During sleep mode, the entire part is powered down
except for a small standby current resulting in a power
dissipation of 300μW. To enter sleep mode, toggle CNV
Figure 16. Power Supply Current of the LTC2372-16 vs
Sampling Rate
SAMPLING FREQUENCY (kHz)
5
237216 F16
0
1
2
3
4
0
100
200
300
400
500
IVDD
IOVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com