Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 14 Page - Linear Technology

Part # LT6237
Description  16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT6237 Datasheet HTML 10Page - Linear Technology LT6237 Datasheet HTML 11Page - Linear Technology LT6237 Datasheet HTML 12Page - Linear Technology LT6237 Datasheet HTML 13Page - Linear Technology LT6237 Datasheet HTML 14Page - Linear Technology LT6237 Datasheet HTML 15Page - Linear Technology LT6237 Datasheet HTML 16Page - Linear Technology LT6237 Datasheet HTML 17Page - Linear Technology LT6237 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
LTC2372-16
14
237216f
For more information www.linear.com/LTC2372-16
Typical perForMance characTerisTics T
A = 25°C, VDD = 5V, OVDD = 2.5V, REFIN = 2.048V,
fSMPL = 500ksps, unless otherwise noted.
Internal Reference Output vs
Temperature
Internal Reference Output
Temperature Coefficient Distribution
Supply Current vs Sampling Rate
Crosstalk FFT (AC Crosstalk-
Channel Adjacent to MUXOUT)
Crosstalk FFT (AC Crosstalk-
Channel NOT Adjacent to MUXOUT)
Supply Current vs Temperature
Sleep Current vs Temperature
Input Leakage Current vs Temperature
(MUXOUT± Shorted to ADCIN±)
TEMPERATURE (°C)
–40
20
0
60
80
–25 –10
20 35
5
50
125
80 95 110
237218 G56
40
65
100
TEMPERATURE (°C)
–40
–100
–200
60
100
–25 –10
20 35
5
50
125
80 95 110
237218 G57
65
200
ON CHANNEL, V(CHx,COM) = 5V
OFF CHANNEL, V(CHx,COM) = 5V
ON CHANNEL, V(CHx,COM) = 0V
OFF CHANNEL, V(CHx,COM) = 0V
TEMPERATURE (°C)
–40
2.046
2.045
2.047
2.044
2.048
2.049
2.050
2.051
–25 –10
20 35
5
50
125
80 95 110
237218 G58
65
2.052
DRIFT (ppm/°C)
0
30
25
20
15
10
5
40
35
237218 G59
–8 –6 –4 –2 0 2 4 6 8
12
10
–12 –10
TEMPERATURE (°C)
–40
2
1
0
4
5
–25 –10
20 35
5
50
125
80 95 110
237218 G55
3
65
6
IVDD
IOVDD
SAMPLING FREQUENCY (kHz)
0
1
0
3
4
100
200
500
400
237218 G60
2
300
5
IVDD
IOVDD
SFDR = 107.3dB
fIN = 100kHz
FREQUENCY (kHz)
0
50
100
150
200
250
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
237216 G61
SFDR = 127dB
fIN = 100kHz
FREQUENCY (kHz)
0
50
100
150
200
250
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
237216 G62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com