Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 19 Page - Linear Technology

Part # LT6237
Description  16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT6237 Datasheet HTML 15Page - Linear Technology LT6237 Datasheet HTML 16Page - Linear Technology LT6237 Datasheet HTML 17Page - Linear Technology LT6237 Datasheet HTML 18Page - Linear Technology LT6237 Datasheet HTML 19Page - Linear Technology LT6237 Datasheet HTML 20Page - Linear Technology LT6237 Datasheet HTML 21Page - Linear Technology LT6237 Datasheet HTML 22Page - Linear Technology LT6237 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
LTC2372-16
19
237216f
For more information www.linear.com/LTC2372-16
applicaTions inForMaTion
Fully Differential Input Range
The fully differential input range provides the widest
input signal swing, configuring the ADC to digitize the
differential analog input voltage to the ADC core (ADCIN+ −
ADCIN−)providedthroughtheselectedMUXanaloginputs
over a span of ±VREFBUF. In this range, the ADCIN+ and
ADCIN− pins should be driven 180 degrees out-of-phase
with respect to each other, centered around a common
mode voltage (ADCIN+ + ADCIN−)/2 that is restricted to
(VREFBUF/2 ± 0.1V). Both the ADCIN+ and ADCIN− pins are
allowed to swing from (GND − 0.1V) to (VREFBUF + 0.1V).
Unwanted signals common to both inputs are reduced
by the CMRR of the ADC. The output data format may be
selected as straight binary or two’s complement.
Pseudo-Differential Unipolar Input Range
In the pseudo-differential unipolar input range, the ADC
digitizes the differential analog input voltage to the ADC
core (ADCIN+ − ADCIN−) provided through the selected
MUX analog inputs over a span of (0V to VREFBUF). In this
range, a single-ended unipolar input signal, driven on the
ADCIN+ pin, is measured with respect to the signal ground
reference level, driven on the ADCIN− pin. The ADCIN+
pin is allowed to swing from (GND − 0.1V) to (VREFBUF +
0.1V), while the ADCIN− pin is restricted to (GND ± 0.1V).
Unwanted signals common to both inputs are reduced by
the CMRR of the ADC. The output data format is straight
binary.
Pseudo-Differential Bipolar Input Range
In the pseudo-differential bipolar input range, the ADC
digitizes the differential analog input voltage to the ADC
core (ADCIN+ − ADCIN−) provided through the selected
MUX analog inputs over a span of (±VREFBUF/2). In this
range, a single-ended bipolar input signal, driven on the
ADCIN+ pin, is measured with respect to the signal mid-
scalereferencelevel,drivenontheADCIN−pin.TheADCIN+
pin is allowed to swing from (GND − 0.1V) to (VREFBUF
+ 0.1V), while the ADCIN− pin is restricted to (VREFBUF/2
± 0.1V). Unwanted signals common to both inputs are
reduced by the CMRR of the ADC. The output data format
is two’s complement.
INPUT DRIVE CIRCUITS
Whether MUXOUT+/− is wired directly to ADCIN+/− or
through a buffer with high input impedance, the MUX
analog inputs of the LTC2372-16 are high impedance. In
either case, a low impedance source can directly drive the
MUX analog inputs without gain error. A high impedance
source should be buffered in both cases to minimize set-
tling time during acquisition and to optimize ADC linearity.
For best performance, a buffer amplifier should be used
to drive the MUX analog inputs of the LTC2372-16 with
MUXOUT+/− wired directly to ADCIN+/−. The amplifier
provides low output impedance, which produces fast
settling of the analog signal during the acquisition phase.
It also provides isolation between the signal source and
the current spikes drawn by the MUX analog inputs when
entering acquisition.
Noise and Distortion
The noise and distortion of the buffer amplifiers and signal
sources must be considered since they add to the ADC
noise and distortion. Noisy input signals should be filtered
prior to the inputs of the buffers driving the MUX analog
inputs with an appropriate filter to minimize noise. The
simple 1-pole RC lowpass filter (LPF1) shown in Figure 5
is sufficient for many applications.
Buffer amplifiers with low noise density must be selected
to minimize SNR degradation. Coupling filter networks
(LPF2) should be placed between the buffer outputs and
MUX analog inputs to both minimize the noise contribu-
tion of the buffers and reduce disturbances reflected into
the buffer from MUX analog input sampling transients.
If a buffer amplifier is used between MUXOUT+/− and
ADCIN+/−, a coupling filter network (LPF3) should be
placed between the buffer output and ADC core analog
inputs to both minimize the noise contribution of the buf-
fer and reduce disturbances reflected into the buffer from
the ADC core analog input sampling transients. Long RC
time constants at the MUX or ADC core analog inputs will
slow down the settling of those inputs. Therefore, LPF2
and LPF3 typically require wider bandwidths than LPF1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com