Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 24 Page - Linear Technology

Part # LT6237
Description  16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT6237 Datasheet HTML 20Page - Linear Technology LT6237 Datasheet HTML 21Page - Linear Technology LT6237 Datasheet HTML 22Page - Linear Technology LT6237 Datasheet HTML 23Page - Linear Technology LT6237 Datasheet HTML 24Page - Linear Technology LT6237 Datasheet HTML 25Page - Linear Technology LT6237 Datasheet HTML 26Page - Linear Technology LT6237 Datasheet HTML 27Page - Linear Technology LT6237 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
LTC2372-16
24
237216f
For more information www.linear.com/LTC2372-16
betweenMUXOUT+/–andADCIN+/–asshowninFigure10a
provides the SNR benefits of the fully differential range
without sacrificing additional MUX inputs to do so. Using
the MUX configurations where CH0 to CH7 is output to
MUXOUT+ and COM to MUXOUT– enables eight single-
ended inputs to be converted with the fully differential
input range. The COM MUX input channel is used in the
feedback connection of the buffer amplifier connected
in a follower configuration to improve the distortion
performance of the circuit. THD degradation would oth-
erwise occur due to the non-linear voltage drop across
the MUX switch from the input current of the buffer and
the non-linear on-resistance of the MUX switch. The 1k
resistor between COM and MUXOUT– maintains negative
feedback around the buffer when the MUX turns OFF, so
that the buffer output does not rail. Eight single-ended
inputs achieve an SNR of 96dB with this circuit as shown
in Figure 10b, which is a 2.5dB improvement in SNR over
single-ended operation.
applicaTions inForMaTion
Figure 10a. LT6236 Buffering a Single-Ended 0V to 4.096V Input Signal and the LT6237 Configured to Perform a
Single-Ended to Differential Conversion to the ±4.096V Fully Differential Input Range
Figure 10b. 32k Point FFT fSMPL = 500ksps,
fIN = 1kHz for Circuit Shown in Figure 10a
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
MUX CHANNELS
CH0 AND COM
SELECTED
MUXOUT–
ADCIN–
MUXOUT+
ADCIN+
LTC2372-16
16-BIT ADC CORE
+
–
237216 F10a
1200pF
VCM = 2.048V
LT6237
10
–
+
–
+
100pF
100pF
4.096V
0V
LT6236
6
2
5
1
V+
V–
V+
8
V–
4
1k
6
7
5
499
499
2
3
1
+–
24.9
2700pF
2700pF
24.9
3
4
SNR = 96dB
THD = –105.1dB
SINAD = 95.6dB
SFDR = 105.6dB
FREQUENCY (kHz)
0
50
100
150
200
250
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
237216 F10b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com