Electronic Components Datasheet Search
  English  ▼

X  

ISL6527IBZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL6527IBZ
Description  Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6527IBZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL6527IBZ Datasheet HTML 1Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ISL6527, ISL6527A
FN9056 Rev 11.00
Page 4 of 17
Sep 29, 2015
Typical Application - 5V Input
Block Diagram
VOUT
FB
COMP
UGATE
PHASE
BOOT
GND
LGATE
ISL6527,
RFB
ROFFSET
CI
CF
RF
LOUT
DBOOT
CBOOT
CHF
COUT
OCSET/SD
CPVOUT
CBULK
ROCSET
Q1
Q2
CT1
CT2
CPGND
VCC
+5V
VIN
CIN
N/C
REF_IN
VREF
ISL6527A
+
-
+
-
+
-
OSCILLATOR
PWM
COMPARATOR
ERROR
AMP
CPVOUT
PWM
GND
FB
COMP
OC
COMPARATOR
GATE
CONTROL
LOGIC
BOOT
UGATE
PHASE
20
A
FIXED 300kHz or 600kHz
LGATE
SOFT-START
OCSET/SD
RESET (POR)
POWER-ON
VCC
CT1
CT2
CPGND
PUMP
CHARGE
REF_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com