Electronic Components Datasheet Search
  English  ▼

X  

ISL6527IBZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6527IBZ
Description  Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6527IBZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6527IBZ Datasheet HTML 1Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FN9056 Rev 11.00
Page 1 of 17
Sep 29, 2015
FN9056
Rev 11.00
Sep 29, 2015
ISL6527, ISL6527A
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
DATASHEET
The ISL6527, ISL6527A make simple work out of
implementing a complete control and protection scheme for
a DC/DC step-down converter. Designed to drive N-Channel
MOSFETs in a synchronous buck topology, the ISL6527,
ISL6527A integrate the control, output adjustment,
monitoring and protection functions into a single package.
The ISL6527, ISL6527A provide simple, single feedback loop,
voltage-mode control with fast transient response. The output
voltage can be regulated to as low as the provided external
reference. A fixed frequency oscillator reduces design
complexity, while balancing typical application cost and
efficiency.
The error amplifier features a 15MHz gain-bandwidth
product and 6V/µs slew rate, which enables high converter
bandwidth for fast transient performance. The resulting
PWM duty cycles range from 0% to 100%.
Protection from overcurrent conditions is provided by
monitoring the rDS(ON) of the upper MOSFET to inhibit PWM
operation appropriately. This approach simplifies the
implementation and improves efficiency by eliminating the
need for a current sense resistor.
Features
• Operates from 3.3V to 5V Input
• Utilizes an External Reference
• Drives N-Channel MOSFETs
• Simple Single-Loop Control Design
- Voltage-Mode PWM Control
• Fast Transient Response
- High Bandwidth Error Amplifier
- Full 0% to 100% Duty Cycle
• Lossless, Programmable Overcurrent Protection
- Uses Upper MOSFET’s rDS(ON)
• Converter Can Source and Sink Current
• Small Converter Size
- Internal Fixed Frequency Oscillator
- ISL6527: 300kHz
- ISL6527A: 600kHz
• Internal Soft-Start
• 14 Ld SOIC or 16 Ld 5x5 QFN
• QFN package:
- Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat
No Leads - Package Outline
- Near Chip-Scale Package Footprint, which Improves
PCB Efficiency and has a Thinner Profile
• Pb-Free (RoHS compliant)
Applications
• Power Supplies for Microprocessors
-PCs
- Embedded Controllers
• Subsystem Power Supplies
- PCI/AGP/GTL+ Busses
- ACPI Power Control
- DDR SDRAM Bus Termination Supply
• Cable Modems, Set-Top Boxes, and DSL Modems
• DSP and Core Communications Processor Supplies
• Memory Supplies
• Personal Computer Peripherals
• Industrial Power Supplies
• 3.3V Input DC/DC Regulators
• Low Voltage Distributed Power Supplies


Similar Part No. - ISL6527IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6527IBZ INTERSIL-ISL6527IBZ Datasheet
329Kb / 16P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
November 18, 2008
More results

Similar Description - ISL6527IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
402Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
October 4, 2005
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 3, 2007
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
November 24, 2008
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
November 18, 2008
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
Single Synchronous Buck Pulse-Width Modulation PWM Controller
December 10, 2009
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
December 10, 2009
logo
Renesas Technology Corp
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com