Electronic Components Datasheet Search
  English  ▼

X  

ISL6527IBZ Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL6527IBZ
Description  Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6527IBZ Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL6527IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 14Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 15Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 16Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ISL6527, ISL6527A
FN9056 Rev 11.00
Page 16 of 17
Sep 29, 2015
Package Outline Drawing
L16.5x5B
16 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 2, 02/08
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
0.15
(4X)
INDEX AREA
PIN 1
6
5.00
B
A
PIN #1 INDEX AREA
16
13
4X
0.80
12X
2.4
6
4
3 . 10 ± 0 . 15
1
CB
A
0.10 M
0.33 +0.07 / -0.05
4
5
16X 0 . 60
8
9
12
1.00 MAX
BASE PLANE
SEATING PLANE
0.08
SEE DETAIL "X"
0.10 C
C
C
0 . 00 MIN.
0 . 05 MAX.
0 . 2 REF
C
5
( 4 . 6 TYP )
( 3 . 10 )
( 16X 0 .33 )
( 16 X 0 . 8 )
( 12X 0 . 80 )
+0.15
-0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com