Electronic Components Datasheet Search
  English  ▼

X  

ISL6527IBZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL6527IBZ
Description  Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6527IBZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6527IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 14Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 15Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 16Page - Renesas Technology Corp ISL6527IBZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ISL6527, ISL6527A
FN9056 Rev 11.00
Page 14 of 17
Sep 29, 2015
Component Selection Notes:
C3, C8, C9 - Each 150mF, Panasonic EEF-UE0J151R or Equivalent.
D1 - 30mA Schottky Diode, MA732 or Equivalent
L1 - 1µH Inductor, Panasonic P/N ETQ-P6F1ROSFA or Equivalent.
Q1- Fairchild MOSFET; ITF86110DK8.
2.5V @ 5A
FB
COMP
UGATE
PHASE
BOOT
GND
LGATE
ISL6527,
R3
R5
C10
C11
R2
L1
D1
C7
C1
C6
C8,9
OCSET/SD
CPVOUT
C3
R1
Q1
CT1
CT2
CPGND
VCC
3.3V
C2
C12
R4
GND
U1
GND
14
1
2
3
4
5
8
6
7
9
10
11
12
13
TP1
TP3
0.8V EXTERNAL REFERENCE
9.76k
6.49k
2.26k
124
0.1µF
1000pF
1µF
0.1
F
33pF
5600pF
8200pF
C4
0.22µF
C5
10µF
CERAMIC
REF_IN
FIGURE 8. 3.3V TO 2.5V 5A DC/DC CONVERTER
ISL6527A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com