Electronic Components Datasheet Search
  English  ▼

X  

FNP3000 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # FNP3000
Description  AC-DC FRONT-END POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

FNP3000 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  FNP3000 Datasheet HTML 1Page - Bel Fuse Inc. FNP3000 Datasheet HTML 2Page - Bel Fuse Inc. FNP3000 Datasheet HTML 3Page - Bel Fuse Inc. FNP3000 Datasheet HTML 4Page - Bel Fuse Inc. FNP3000 Datasheet HTML 5Page - Bel Fuse Inc. FNP3000 Datasheet HTML 6Page - Bel Fuse Inc. FNP3000 Datasheet HTML 7Page - Bel Fuse Inc. FNP3000 Datasheet HTML 8Page - Bel Fuse Inc. FNP3000 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
FNP3000 Series
5
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2018 Bel Power Solutions & Protection
BCD.00669_004
Figure 2 – Mechanical Dimensions
PIN
FUNCTION
DESCRIPTION
HIGH / LOW LEVEL
Imax
P1, P2, P3
V (-VE/return)
V1 (-VE) output terminal
P4, P5, P6
V (+VE)
V1 (+VE) output terminal
P7
earth/chassis ground
protective/safety earth
P8
neutral
neutral or AC line#2
P9
line
hot/AC line#1
signal pin
column
“1”
A1
I2C address A0
I2C address - LSB
B1
I2C address A1
I2C address bit
C1
I2C address A2
I2C address - MSB
D1
REMOTE_ON_L
internal pull up to 3.3 V
3.3 mA
signal pin status
output status
open circuit
“off”
logic “1”
“off”
logic “0”
“on”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com