Electronic Components Datasheet Search
  English  ▼

X  

FNP3000 Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # FNP3000
Description  AC-DC FRONT-END POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

FNP3000 Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button FNP3000 Datasheet HTML 7Page - Bel Fuse Inc. FNP3000 Datasheet HTML 8Page - Bel Fuse Inc. FNP3000 Datasheet HTML 9Page - Bel Fuse Inc. FNP3000 Datasheet HTML 10Page - Bel Fuse Inc. FNP3000 Datasheet HTML 11Page - Bel Fuse Inc. FNP3000 Datasheet HTML 12Page - Bel Fuse Inc. FNP3000 Datasheet HTML 13Page - Bel Fuse Inc. FNP3000 Datasheet HTML 14Page - Bel Fuse Inc. FNP3000 Datasheet HTML 15Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
FNP3000 Series
11
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2018 Bel Power Solutions & Protection
BCD.00669_004
POWER SHELF
MODEL NUMBER
POWER MODULE
MODEL NUMBER
AIRFLOW
DIRECTION
SHELF POWER
STANDBY
OUTPUT
IEC INLET
TYPE
110 Vin
220 Vin
FNR-1U-F-B-1574
FNP3000-1048NA or
FNP3000-1054NA
Front to
Back
6000 W
12000 W
All Parallel,
dual polarity
terminal block
C22
FNR-1U-F-D-1574A
FNP3000-1048NA or
FNP3000-1054NA
Front to
Back
6000 W
12000 W
A & B Feed,
dual polarity
terminal block
C22
FNR-1U-B-B-1574B
FNP3000-1048RA or
FNP3000-1054RA
Back to
Front
5400 W
12000 W
All Parallel,
dual polarity
terminal block
C20
FNR-1U-B-D-1574C
FNP3000-1048RA or
FNP3000-1054RA
Back to
Front
5400 W
12000 W
A & B Feed,
dual polarity
terminal block
C20
FNR-1U-F-B-1574D
FNP3000-1048NA or
FNP3000-1054NA
Front to
Back
6000 W
12000 W
All Parallel,
single polarity
terminal block
C22
FNR-1U-B-B-1574E
FNP3000-1048RA or
FNP3000-1054RA
Back to
Front
5400 W
12000 W
All Parallel,
single polarity
terminal block
C20
Figure 4 – 1574, 1574A, 1574D - Front to Back Airflow
Figure 5 – 1574B, 1574C, 1574E - Back to Front Airflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com