Electronic Components Datasheet Search
  English  ▼

X  

FNP3000 Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # FNP3000
Description  AC-DC FRONT-END POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

FNP3000 Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button FNP3000 Datasheet HTML 6Page - Bel Fuse Inc. FNP3000 Datasheet HTML 7Page - Bel Fuse Inc. FNP3000 Datasheet HTML 8Page - Bel Fuse Inc. FNP3000 Datasheet HTML 9Page - Bel Fuse Inc. FNP3000 Datasheet HTML 10Page - Bel Fuse Inc. FNP3000 Datasheet HTML 11Page - Bel Fuse Inc. FNP3000 Datasheet HTML 12Page - Bel Fuse Inc. FNP3000 Datasheet HTML 13Page - Bel Fuse Inc. FNP3000 Datasheet HTML 14Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FNP3000 Series
tech.support@psbel.com
ACCESSORIES
DESCRIPTION
CUI PART NUMBER
VENDOR/PART NUMBER
Demo Board1
01T-152501-1
DC Output Mating Connector
22P-S00061-4
FCI 51915-351LF
I2C Dongle2
Microchip DV164122
Demo Board AC Power Cord3
CNC Tech 800-12-32D-BL-0003F
NOTES:
1.
This demo board is intended for user connection to evaluate the power supply in the laboratory by qualified personnel. Please take
necessary safety precautions during product evaluation.
2.
The PICkit Serial Analyzer is an USB-based tool used to direct communication between a PC and an external serial device. The kit comes
complete with hardware (supporting I2C™, SMBus, SPI and USART protocols), an easy-to-use GUI (to configure and display
communications) and a target demonstration board for out-of-the-box functionality.
http://www.microchip.com/stellent/idcplg?IdcService=SS_GET_PAGE&nodeId=1406&dDocName=en028600
3.
For North American use only
DEMO BOARD POWER CONNECTIONS
J1
+48V Output
J2
48V Return
J9
+ Standby Output
J8
Standby Output Return
Figure 3 – Demo Board
DEMO BOARD CONNECTION/SETTINGS
P1
AC & DC Mating Connector
P2
Control & Status Signals
1
Logical Return
2
Remote ON (override by P6)
3
Present
4
AC_OK
5
DC_OK
6
OTP
P3
I2C Dongle Connection
1
SMB
2
SCL
3
SDA
4
Logical Return
5
VDD
6
NC
P4
Jumper to Local Sense+, remove jumper
for remote sense
P5
Jumper to Local Sense-, remove jumper
for remote sense
P6
Jumper to ON, remove jumper for Remote
ON/OFF
P7
Jumper to set I2C A2 = 0, remove jumper
to set address by host
P8
Jumper to set I2C A1 = 0, remove jumper
to set address by host
P9
Jumper to set I2C A0 = 0, remove jumper
to set address by host
P11
Control & Status Signals
1
48 V Return
2
SENSE- (override by P5)
3
ISHARE (optional force sharing)
4
SENSE+ (override by P4)
5
Vpgm
6
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com