Electronic Components Datasheet Search
  English  ▼

X  

FNP3000 Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # FNP3000
Description  AC-DC FRONT-END POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

FNP3000 Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button FNP3000 Datasheet HTML 3Page - Bel Fuse Inc. FNP3000 Datasheet HTML 4Page - Bel Fuse Inc. FNP3000 Datasheet HTML 5Page - Bel Fuse Inc. FNP3000 Datasheet HTML 6Page - Bel Fuse Inc. FNP3000 Datasheet HTML 7Page - Bel Fuse Inc. FNP3000 Datasheet HTML 8Page - Bel Fuse Inc. FNP3000 Datasheet HTML 9Page - Bel Fuse Inc. FNP3000 Datasheet HTML 10Page - Bel Fuse Inc. FNP3000 Datasheet HTML 11Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
FNP3000 Series
7
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2018 Bel Power Solutions & Protection
BCD.00669_004
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1
0
1
1
A2
A1
A0
R/W
The following features will be offered as “standard” by the base product:
This feature shall provide write-protected Vital Product Data (VPD) which shall include the following:
•
Revision level
•
CUI Date Code and origin of manufacture
•
CUI Serial number (from the product label) is the last 5 or 6 maximum numbers, and is padded with zeros to fit the
PMBus® variable as 8 bytes total
The product’s 7-bit I2C slave address is formed by determining the logic state of the address pins A0, A1 and A2. A pull-up resistor
shall be supplied within the product for each address pin. The values of A0, A1 and A2 are set in the backplane of the system. Thus
the device can be set to respond to all 7-bit addresses in the range from binary 1011 000 to 1011 111.
The address pins shall be read once the micro-controllers have been initialized. To prevent hot swapping from latching the slave
address to a specific slot in the enclosure, the software shall continuously read and update at an interval of 1 s the slave address
accordingly.
The product is provided with a digital communications interface that is based upon a subset of the SMBus™ & PMBus® Protocols.
The communication interface is a Two Wire Interface (TWI) using devices hardware compatible with I2C.
The interface is based upon the I2C Protocol developed by Philips Semiconductors (now NXP). Reference to the “I2C Bus
Specification and User Manual” UM10204 Rev.03 – 19 June 2007 is recommended.
Refer to the PMBus®/SMBus specification for details on read/write operations when dealing with Byte, Word or Block process
calls. Packet Error Correction (PEC) and Address Resolution Protocol (ARP) are not supported.
If the PMBus® master tries to read more bytes than the length of the data selected by the command code, the additional bytes will
be sent as 0xFF.
The PMBus® slave device may apply clock stretching by holding the clock line (SCL) low after a command to indicate that it is busy
processing data. A master device on the PMBus® bus may attempt to continue with the communications but must first wait until
the clock line is released. Clock stretching times will vary depending on the data being processed and/ or if there are any higher
priority events occur during the response but shall not exceed 25 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com