Electronic Components Datasheet Search
  English  ▼

X  

FNP3000 Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # FNP3000
Description  AC-DC FRONT-END POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

FNP3000 Datasheet(HTML) 9 Page - Bel Fuse Inc.

Back Button FNP3000 Datasheet HTML 5Page - Bel Fuse Inc. FNP3000 Datasheet HTML 6Page - Bel Fuse Inc. FNP3000 Datasheet HTML 7Page - Bel Fuse Inc. FNP3000 Datasheet HTML 8Page - Bel Fuse Inc. FNP3000 Datasheet HTML 9Page - Bel Fuse Inc. FNP3000 Datasheet HTML 10Page - Bel Fuse Inc. FNP3000 Datasheet HTML 11Page - Bel Fuse Inc. FNP3000 Datasheet HTML 12Page - Bel Fuse Inc. FNP3000 Datasheet HTML 13Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
FNP3000 Series
9
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2018 Bel Power Solutions & Protection
BCD.00669_004
Bits [7:6]
Bits [5:4]
Bits [3:2]
Bits [1:0]
Unit State
00
XX
XX
XX
Off
01
XX
XX
XX
Off
10
00
XX
XX
On
10
01
00
XX
No change
10
01
11
XX
No change
10
01
01
XX
On
10
01
10
XX
On
10
10
01
XX
On
10
10
10
XX
On
10
10
11
XX
No change
10
11
XX
XX
No change
11
XX
XX
XX
No change
OPCODE
(HEX)
COMMAND NAME
NO. OF
BYTES
TYPE
READ /
WRITE
COMMAND DESCRIPTION
16
FIRMWARE_REVISION
4
Block
R
Read vendor specific firmware revision (ASCII string). Example case
“A100”
17
BUILD
4
Block
R
Read vendor specific Build (ASCII string)
20
AUXILIARY_VOLTAGE
2
Word
R
Provides the measured output auxiliary voltage of the power module.
(Divide decimal value by 100)
8D
READ_TEMPERATURE_4
2
Word
R
This command shall return a select component temperature used by the
power module, in degrees Celsius.
8E
READ_TEMPERATURE_5
2
Word
R
This command shall return a select component temperature used by the
power module, in degrees Celsius.
This command can be used to turn the unit on and off via the PMBus® interface.
If D1 (REMOTE_ENABLE) is LOW (enabled) then the PMBus® Remote On/Off function can turn the unit off and on. If D1
(REMOTE_ENABLE) is HIGH (disabled) then the PMBus® Remote On/Off function cannot turn the unit on or off and can be
ignored.
The bit encoding of the data byte of the command is as follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com