Electronic Components Datasheet Search
  English  ▼

X  

AS39513 Datasheet(PDF) 93 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 93 Page - ams AG

Back Button AS39513 Datasheet HTML 89Page - ams AG AS39513 Datasheet HTML 90Page - ams AG AS39513 Datasheet HTML 91Page - ams AG AS39513 Datasheet HTML 92Page - ams AG AS39513 Datasheet HTML 93Page - ams AG AS39513 Datasheet HTML 94Page - ams AG AS39513 Datasheet HTML 95Page - ams AG AS39513 Datasheet HTML 96Page - ams AG AS39513 Datasheet HTML 97Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 108 page
background image
ams Datasheet
Page 93
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
Read Command
The read command is used to read from both EEPROM and
on-chip registers that are memory mapped.
The Read Command Format is below:
where:
ADDR[10:0] – Address of the memory to read from. See the
description of the memory map below for details on what is
mapped to the various memory addresses.
After the read command word is complete, DOUT will go high
when the read operation is ready. SCLK should then be pulsed
8 times for each byte of data, and the data will be output on
DOUT. The output data will be stable on the falling edge of SCLK.
The first byte will be read from ADDR, the second byte from
ADDR+1, and so on. There is no limit to the number of bytes
that can be read. For example, the signals for a one-byte read
are shown below. The read operation is completed when CE
goes low.
As example, the signals for a one-byte read are shown below.
Figure 51:
One-Byte Read
Bit
15
14
13
12
11
10
9
876543
210
Read
0
1
0
0
0
ADDR[10:0]
CE
SCLK
DIN
DOUT
A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
0100
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com