Electronic Components Datasheet Search
  English  ▼

X  

AS39513 Datasheet(PDF) 11 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 11 Page - ams AG

Back Button AS39513 Datasheet HTML 7Page - ams AG AS39513 Datasheet HTML 8Page - ams AG AS39513 Datasheet HTML 9Page - ams AG AS39513 Datasheet HTML 10Page - ams AG AS39513 Datasheet HTML 11Page - ams AG AS39513 Datasheet HTML 12Page - ams AG AS39513 Datasheet HTML 13Page - ams AG AS39513 Datasheet HTML 14Page - ams AG AS39513 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
ams Datasheet
Page 11
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
The AS39513 is designed for use in smart semi-passive labels as
well as in full passive labels. Smart semi-passive labels are
defined as thin and flexible labels that contain an integrated
circuit and a power source. Semi-passive smart labels, also
known as battery-assisted back-scattered passive labels, enable
enhanced functionality and performance over passive labels.
The IC includes sensor functionality and logging of sensor data.
The RFID portion of the AS39513 operates at 13.56 MHz and is
fully ISO15693 and NFC-V (T5T) compliant. The sensor
controller runs with an independent clock of frequency fSYS. The
chip is supplied from a single-cell battery of typically 1.5V, or
from a dual cell battery of typically 3V. The on-chip temperature
sensor and real-time clock (RTC) accommodate temperature
data logging with time stamps.
Power Management
The AS39513 is supplied from either the battery or through the
power coupled from the RFID reader. The device (sensors, ADC,
real-time clock and logic) is normally supplied from the battery
unless there is no battery attached (passive label), or when the
battery is drained. When no battery power is available, these
circuits will be powered by the RFID reader. The RFID AFE is
always powered by the reader.
Note 1.5V and 3V batteries are supported but the battery supply
voltage range is not continuous. Please see electrical
characteristics. Also it is assumed the battery will be connected
when the RF field is not present. Correct operation is not
guaranteed if the battery is connected in the presence of an RF
field. A minimum ramp up time for VBAT of tRAMP is required to
ensure all system registers are correctly loaded from system
EEPROM during initialization. This is valid for both 1.5V and 3V
battery operation.
Energy Harvesting
AS39513 has harvesting capability. The regulated voltage
output pin for energy harvesting is VEXT. If an RFID reader is
present, the harvested reader power is then available externally
through the VEXT pin. An internal regulator limits the voltage
to VEXT. The output impedance RVEXT of this voltage source is
fixed.
Analog Front End (AFE)
The analog front end (AFE) operates at a carrier frequency of
13.56 MHz according to the ISO 15693 and NFC-V type 5 tag
standards. The incoming data is demodulated from the received
ASK (Amplitude Shift Keying) signal, with either 10- 30%
modulation index or 100% modulation index. Outgoing data is
transmitted from the AS39513 using load modulation and
employs Manchester coding with one or two sub-carrier
frequencies: 423.75 kHz (fc/32) or 484.28 kHz (fc/28).
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com