Electronic Components Datasheet Search
  English  ▼

X  

AS39513 Datasheet(PDF) 98 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 98 Page - ams AG

Back Button AS39513 Datasheet HTML 94Page - ams AG AS39513 Datasheet HTML 95Page - ams AG AS39513 Datasheet HTML 96Page - ams AG AS39513 Datasheet HTML 97Page - ams AG AS39513 Datasheet HTML 98Page - ams AG AS39513 Datasheet HTML 99Page - ams AG AS39513 Datasheet HTML 100Page - ams AG AS39513 Datasheet HTML 101Page - ams AG AS39513 Datasheet HTML 102Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 108 page
background image
Page 98
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
Where the timing parameters are as follows:
Figure 58:
Write Command Timing Parameters
The read command has two more timing sections of interest.
The first is the transition from the command at DIN to the
read-back data at DOUT. That timing is shown below.
Figure 59:
Read Command Timing Detail
Where the timing parameters are:
Figure 60:
Read Command Timing Parameters
Symbol
Description
VBAT = 1.5 V
VBAT = 3.0 V
Unit
Min
Max
Min
Max
tWE
Falling edge of SCLK to write enable (falling
edge of CE).
2.0
2.0
μs
tWS
Write enable to beginning of write processing.
200
200
ns
tW
Processing time for writes.
6
14
6
14
ms
Symbol
Description
VBAT = 1.5 V
VBAT = 3.0 V
Unit
Min
Max
Min
Max
tRR
Falling edge of SCLK to read ready time
4.0
4.0
μs
tRR + tRS
Falling edge of SCLK to read ready on DOUT
to SCLK rising edge
500
500
ns
tDR
SCLK rising edge to valid data
50
50
ns
CE
SCLK
DIN
DOUT
tRR
A0
D7
D6
tRS
tDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com