Electronic Components Datasheet Search
  English  ▼

X  

AS39513 Datasheet(PDF) 50 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 50 Page - ams AG

Back Button AS39513 Datasheet HTML 46Page - ams AG AS39513 Datasheet HTML 47Page - ams AG AS39513 Datasheet HTML 48Page - ams AG AS39513 Datasheet HTML 49Page - ams AG AS39513 Datasheet HTML 50Page - ams AG AS39513 Datasheet HTML 51Page - ams AG AS39513 Datasheet HTML 52Page - ams AG AS39513 Datasheet HTML 53Page - ams AG AS39513 Datasheet HTML 54Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 108 page
background image
Page 50
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
TLOLIM[7:0] – Fourth threshold to use for limit checks during
temperature measurements. See the section on Limit Check
Algorithm above.
TXHICNT[7:0] – Counter for the number of times that the first
threshold condition was met during limit checks of the
temperature measurement. If this count is non-zero, the over
limit count flag, OVLIM, will be set.
TXLOCNT[7:0] – Counter for the number of times that the
second threshold condition was met (but not the first
condition) during limit checks of the temperature
measurement. If this count is non-zero, the over limit count flag,
OVLIM, will be set.
THICNT[7:0] – Counter for the number of times that the third
threshold condition was met (but not the first or second
condition) during limit checks of the temperature
measurement.
TLOCNT[7:0] – Counter for the number of times that the fourth
threshold condition was met (but not the first, second, or third
condition) during limit checks of the temperature
measurement.
THIMAX[7:0] – Maximum count for the number of times that
the third threshold condition was met (but not the first or
second condition) during limit checks of the external sensor
measurement. If THICNT > THIMAX, then the over limit count
flag, OVLIM, will be set.
TLOMAX[7:0] – Maximum count for the number of times that
the fourth threshold condition was met (but not the first,
second, or third condition) during limit checks of the external
sensor measurement. If TLOCNT > TLOMAX, then the over limit
count flag, OVLIM, will be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com