Electronic Components Datasheet Search
  English  ▼

X  

AS39513 Datasheet(PDF) 18 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 18 Page - ams AG

Back Button AS39513 Datasheet HTML 14Page - ams AG AS39513 Datasheet HTML 15Page - ams AG AS39513 Datasheet HTML 16Page - ams AG AS39513 Datasheet HTML 17Page - ams AG AS39513 Datasheet HTML 18Page - ams AG AS39513 Datasheet HTML 19Page - ams AG AS39513 Datasheet HTML 20Page - ams AG AS39513 Datasheet HTML 21Page - ams AG AS39513 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 108 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Detailed Description
ACTIVE Mode
In ACTIVE mode, the device waits for a logging event to begin
logging. The logging events can be generated by the real-time
clock, a voltage level on the SEXT pin, or a digital signal on the
DIN pin. Each type of logging event can be individually enabled
by System parameters in the EEPROM. When any one of the
enabled logging events occur, the mode transitions to the
LOGGING mode and the data measurement and logging
commences. If two logging events happen to occur in the exact
same clock cycle, only one logging operation will be performed.
Commands from either the RFID or SPI interfaces are accepted
in the ACTIVE mode. If a command request and a logging event
occur at the exact same time, the command request has priority.
If a command is being processed when a logging event occurs,
the logging event is pending until the command is completed
and then the logging commences.
COMMAND Mode
The COMMAND modes process a command either from the RFID
or SPI interface. Whichever interface issues the command first
gets priority. The other interface will get a “device busy” error
until the first command is completed. If both interfaces happen
to request a command on the exact same clock edge (very
unlikely), the RFID interface will get priority.
There are three versions of COMMAND mode, one for each of
the calling modes: IDLE, WAIT, and ACTIVE. The only difference
in these COMMAND modes is that when the command
processing is complete, the mode will return to the mode that
initiated the command.
The exception is the command that purposely generates a
mode change, Set Mode. For example, if the device is in the IDLE
mode and the Set Mode command is called to change to the
WAIT mode, the device returns from the IDLE COMMAND mode
to the WAIT mode.
LOGGING Mode
In LOGGING mode, a sequence of measurements followed by
an optional sequence of storing logging values takes place. This
sequence is described in the following subsections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com