Electronic Components Datasheet Search
  English  ▼

X  

AS39513 Datasheet(PDF) 106 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 106 Page - ams AG

Back Button AS39513 Datasheet HTML 100Page - ams AG AS39513 Datasheet HTML 101Page - ams AG AS39513 Datasheet HTML 102Page - ams AG AS39513 Datasheet HTML 103Page - ams AG AS39513 Datasheet HTML 104Page - ams AG AS39513 Datasheet HTML 105Page - ams AG AS39513 Datasheet HTML 106Page - ams AG AS39513 Datasheet HTML 107Page - ams AG AS39513 Datasheet HTML 108Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 106 / 108 page
background image
Page 106
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-25
AS39513 − Revision Information
Note(s):
1. Page and figure numbers for the previous version may differ from page and figure numbers in the current revision.
2. Correction of typographical errors is not explicitly mentioned.
Changes from 1-00 (2017-Dec-06) to current revision 1-10 (2018-Apr-25)
Page
Updated Figure 1
1
Updated text under Pin and Pad Layout
4
Updated Figure 4
4
Updated Figure 5
6
Updated Figure 6
8
Updated Figure 7
10
Updated Figure 8
10
Updated text under Detailed Description
11
Updated text under Power Management
11
Updated text under Energy Harvesting
11
Updated text under Real-Time Clock (RTC)
12
Updated text under Temperature Sensor and External Sensor
13
Updated text under Initializing the Chip
16
Updated text under Battery Check
19
Updated text under Power Modes
24
Updated text under Logging Timer
26
Updated text under ADC Output and Range for Temperature Measurement
37
Updated EQ8 and EQ9 under ADC Output and Range for Battery Measurement
39
Updated text under ADC Output and Range for External Sensor Measurement
39
Updated Figure 30 to DOSRC[1:0]: DOUT Functional Options: Digital Output Source (when not
in SPI communication).
41
Updated Figure 36 and parameter BATCHK under it
53
Updated text under Mirrored System Registers
65
Updated text under SPI Commands
91
Updated Figure 65
101
Updated Figure 66
102
Revision Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com